Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74HC4015 Datasheet (PDF) - Integral Corp.

IN74HC4015 Datasheet PDF - Integral Corp.
Part # IN74HC4015
Download  IN74HC4015 Download
File Size   139.32 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS

IN74HC4015 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74HC4015 Datasheet PDF - Integral Corp.

Part # IN74HC4015
Download  IN74HC4015 Click to download

File Size   139.32 Kbytes
Page   6 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS

IN74HC4015 Datasheet (HTML) - Integral Corp.


IN74HC4015 Product details

The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
This device consists of two identical independent 4-stage serial input/parallel-output registers. Each register has independent Clock and Reset inputs as well as a single serial Data input. “Q” outputs are available from each of the four stages on both registers. All register stages are D-type, master-slave flip-flops. The logic level present at the Data input is transferred into the first register stage and shifted over one stage at each positive-going clock transition. Resetting of all stages is accomplished by a high level on the reset line.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices




Similar Part No. - IN74HC4015

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC4015A IKSEMICON-IN74HC4015A Datasheet
192Kb / 7P
Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
IN74HC4015AD IKSEMICON-IN74HC4015AD Datasheet
192Kb / 7P
Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
IN74HC4015AN IKSEMICON-IN74HC4015AN Datasheet
192Kb / 7P
Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74HC4015

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC4015 SLS-SL74HC4015 Datasheet
50Kb / 6P
Dual 4-Bit Shift Register
logo
Integral Corp.
IW4015B INTEGRAL-IW4015B Datasheet
181Kb / 5P
Dual 4-Stage Static Shift Register High-Voltage Silicon-Gate CMOS
IN74HC164 INTEGRAL-IN74HC164 Datasheet
96Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift Register, High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC164A KODENSHI-KK74HC164A Datasheet
322Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC166A KODENSHI-KK74HC166A Datasheet
274Kb / 7P
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
KK74HC4015A KODENSHI-KK74HC4015A Datasheet
269Kb / 7P
Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
KK4021B KODENSHI-KK4021B Datasheet
250Kb / 5P
8-Bit Shift Register High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4015A IKSEMICON-IN74HC4015A Datasheet
192Kb / 7P
Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS
IW4021B IKSEMICON-IW4021B Datasheet
176Kb / 5P
8-Bit Shift Register High-Voltage Silicon-Gate CMOS
IN74HC164A IKSEMICON-IN74HC164A Datasheet
317Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift Register High-Performance Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com