Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-L9963-MCU Datasheet (PDF) - STMicroelectronics

EVAL-L9963-MCU Datasheet PDF - STMicroelectronics
Part # EVAL-L9963-MCU
Download  EVAL-L9963-MCU Download
File Size   4781.1 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description L9963 BMS IC Evaluation Board

EVAL-L9963-MCU Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-L9963-MCU Datasheet PDF - STMicroelectronics

Part # EVAL-L9963-MCU
Download  EVAL-L9963-MCU Click to download

File Size   4781.1 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description L9963 BMS IC Evaluation Board

EVAL-L9963-MCU Datasheet (HTML) - STMicroelectronics


EVAL-L9963-MCU Product details

Description
The EVAL-L9963-MCU is a hardware tool for evaluation of L9963, automotive chip for battery management applications. It can be used for the development of a 48 V battery management system (BMS) or as lower stage of a distributed BMS (depending on total battery voltage. Additional stages can be added thanks to EVALL9963-NDS). EVAL-L9963-MCU allows the user to connect up to 14 channels for cell voltage sensing, one channel for current sensing, and up to 4 analog input for temperature sensing (plus an additional on-board NTC to sense PCB temperature). The board provides an onboard microcontroller with preloaded GUI firmware intended to be used with STSW-L9963 PC Graphical User Interface. Product summary

Features
■ Measures from 4 to 14 cells in series, with 0 us desynchronization delay between samples. Supports also busbar connection without altering cell results
■ Coulomb counter supporting pack overcurrent detection in both ignition on and off states
■ Fully synchronized current and voltage samples
■ 16-bit voltage measurement
■ 2.66 Mbps isolated serial communication with regenerative buffer, supporting dual access ring
■ Transformer based isolation
■ Up to 4 analog inputs for NTC sensing, plus PCB temperature sensing
■ Onboard microcontroller SPC574S64E3 with 32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
■ Onboard L9001 regulator as microcontroller power supply




Similar Part No. - EVAL-L9963-MCU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-L9963-NDS STMICROELECTRONICS-EVAL-L9963-NDS Datasheet
2Mb / 12P
L9963 single Node in a Distributed BMS System
Rev 1 - April 2020
More results


Similar Description - EVAL-L9963-MCU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADE7756EB AD-EVAL-ADE7756EB Datasheet
3Mb / 15P
Evaluation Board Documentation AD7756 Energy metering IC
logo
IXYS Corporation
EVDP610 IXYS-EVDP610 Datasheet
146Kb / 6P
IXDP610 Digital PWM Controller IC Evaluation Board
logo
DB Lectro Inc
BMS-2301 DBLECTRO-BMS-2301 Datasheet
91Kb / 1P
BMS-2301
logo
IXYS Corporation
EVDD404 IXYS-EVDD404 Datasheet
65Kb / 2P
Gate Driver IC Evaluation Board
EVDD415 IXYS-EVDD415 Datasheet
137Kb / 2P
High Frequency Gate Driver IC Evaluation Board
logo
Analog Devices
ADE7757EB AD-ADE7757EB Datasheet
820Kb / 11P
Evaluation Board Documentation ADE7757 Energy Metering IC
REV. PrF
logo
Monolithic Power System...
EV5416-R-00B MPS-EV5416-R-00B Datasheet
511Kb / 7P
5V Power Management IC Evaluation Board
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
BMS Transceiver IC - UART toiso UART
2020-05-20
logo
STMicroelectronics
EVAL-L9963-NDS STMICROELECTRONICS-EVAL-L9963-NDS Datasheet
2Mb / 12P
L9963 single Node in a Distributed BMS System
Rev 1 - April 2020
EVAL-L9963E-MCU STMICROELECTRONICS-EVAL-L9963E-MCU Datasheet
1Mb / 13P
L9963E BMS IC evaluation board
Rev 1 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com