Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-L9963-NDS Datasheet (PDF) - STMicroelectronics

EVAL-L9963-NDS Datasheet PDF - STMicroelectronics
Part # EVAL-L9963-NDS
Download  EVAL-L9963-NDS Download
File Size   2558.5 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description L9963 single Node in a Distributed BMS System

EVAL-L9963-NDS Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-L9963-NDS Datasheet PDF - STMicroelectronics

Part # EVAL-L9963-NDS
Download  EVAL-L9963-NDS Click to download

File Size   2558.5 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description L9963 single Node in a Distributed BMS System

EVAL-L9963-NDS Datasheet (HTML) - STMicroelectronics


EVAL-L9963-NDS Product details

Description
The EVAL-L9963-NDS is a hardware tool for L9963 for Li-ION battery management application. The board is intended to be used as a single node in a distributed BMS. EVAL-L9963-NDS is needed when the total number of battery cells to be managed exceeds 14. The number of nodes to be stacked depends on total battery voltage, additional nodes can be added via additional EVAL-L9963-NDS. A maximum of 14 total nodes beyond the base node EVAL-L9963-MCU or an EVAL-L9963 can be stacked. It has to be used in conjunction with EVAL-L9963-MCU or an EVAL-9963 as second stage or stacked with additional EVAL-L9963-NDS. EVAL-L9963-NDS allows the user to manage up to 14 channels for cell voltage sensing, one channel for current sensing, and up to 4 analog input for temperature sensing (plus an additional on-board NTC to sense PCB temperature). The board provides additional protection for hot plug. EVAL-L9963-NDS is not intended to be used as a standalone evaluation board but with EVAL-L9963-MCU or EVAL-L9963. Product summary

Features
■ Single node L9963 board for distributed multi-cell BMS
■ To be used with EVAL-L9963-MCU or EVAL-L9963 as second stage or stacked with additional EVAL-L9963-NDS
■ Measures from 4 to 14 cells in series, with 0 us desynchronization delay between samples. Supports also busbar connection without altering cell results
■ Coulomb counter supporting pack overcurrent detection in both ignition on and off states
■ Fully synchronized current and voltage samples
■ 16-bit voltage measurement
■ Communication between nodes through a 2.66 Mbps isolated serial communication with regenerative buffer, supporting dual access ring
■ Transformer based isolation
■ Up to 4 analog inputs for NTC sensing, plus PCB temperature sensing
■ Hot-plug protection circuit




Similar Part No. - EVAL-L9963-NDS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL-L9963-MCU STMICROELECTRONICS-EVAL-L9963-MCU Datasheet
4Mb / 13P
L9963 BMS IC Evaluation Board
Rev 1 - March 2020
More results


Similar Description - EVAL-L9963-NDS

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
525Kb / 4P
Distributed Power System
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
DS1200HE-3-002 ARTESYN-DS1200HE-3-002 Datasheet
211Kb / 9P
Distributed Power System
logo
STMicroelectronics
EVAL-L9963-MCU STMICROELECTRONICS-EVAL-L9963-MCU Datasheet
4Mb / 13P
L9963 BMS IC Evaluation Board
Rev 1 - March 2020
EVAL-L9963E-NDS STMICROELECTRONICS-EVAL-L9963E-NDS Datasheet
2Mb / 14P
L9963E single node in a distributed BMS System
Rev 1 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com