Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet (PDF) - IXYS Corporation

IRFP450 Datasheet PDF - IXYS Corporation
Part # IRFP450
Download  IRFP450 Download
File Size   46.07 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Standard Power MOSFET - N-Channel Enhancement Mode

IRFP450 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP450 Datasheet PDF - IXYS Corporation

Part # IRFP450
Download  IRFP450 Click to download

File Size   46.07 Kbytes
Page   2 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Standard Power MOSFET - N-Channel Enhancement Mode

IRFP450 Datasheet (HTML) - IXYS Corporation


IRFP450 Product details

N-Channel Enhancement Mode

Features
• International standard packages
• Low RDS (on) HDMOSTM process
• Rugged polysilicon gate cell structure
• Low package inductance (< 5 nH)
   - easy to drive and to protect
• Fast switching times

Applications
• Switch-mode and resonant-mode power supplies
• Motor controls
• Uninterruptible Power Supplies (UPS)
• DC choppers

Advantages
• Easy to mount with 1 screw (isolated mounting screw hole)
• Space savings
• High power density




Similar Part No. - IRFP450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
logo
Vishay Siliconix
IRFP450 VISHAY-IRFP450 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFP450

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRFP254 IXYS-IRFP254 Datasheet
46Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
IRFP260 IXYS-IRFP260 Datasheet
36Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
IRFP264 IXYS-IRFP264 Datasheet
47Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com