Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP450 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IRFP450
Description  Standard Power MOSFET - N-Channel Enhancement Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRFP450 Datasheet(HTML) 1 Page - IXYS Corporation

  IRFP450 Datasheet HTML 1Page - IXYS Corporation IRFP450 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C14
A
I
DM
T
C = 25°C, pulse width limited by TJM
56
A
I
AR
14
A
E
AR
T
C = 25°C19
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
3.5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
190
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6g
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD
N-Channel Enhancement Mode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
500
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA2
4
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 8.4 A
0.40
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
IRFP 450
V
DSS
= 500 V
I
D(cont)
= 14 A
R
DS(on) = 0.40 Ω
G = Gate,
D = Drain,
S = Source,
TAB = Drain
Features
l
International standard packages
l
Low R
DS (on) HDMOS
TM process
l
Rugged polysilicon gate cell structure
l
Low package inductance (< 5 nH)
- easy to drive and to protect
l
Fast switching times
Applications
l
Switch-mode and resonant-mode
power supplies
l
Motor controls
l
Uninterruptible Power Supplies (UPS)
l
DC choppers
Advantages
l
Easy to mount with 1 screw
(isolated mounting screw hole)
l
Space savings
l
High power density
92604E(5/96)
D (TAB)
Standard Power MOSFET
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IRFP450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
logo
Vishay Siliconix
IRFP450 VISHAY-IRFP450 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRFP450

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRFP254 IXYS-IRFP254 Datasheet
46Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
IRFP260 IXYS-IRFP260 Datasheet
36Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
IRFP264 IXYS-IRFP264 Datasheet
47Kb / 2P
Standard Power MOSFET - N-Channel Enhancement Mode
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com