Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3539F Datasheet (PDF) - Micronas

MAS3539F Datasheet PDF - Micronas
Part # MAS3539F
Download  MAS3539F Download
File Size   1186.76 Kbytes
Page   92 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec

MAS3539F Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS3539F Datasheet PDF - Micronas

Part # MAS3539F
Download  MAS3539F Click to download

File Size   1186.76 Kbytes
Page   92 Pages
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas
Description MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec

MAS3539F Datasheet (HTML) - Micronas


MAS3539F Product details

 Introduction
The MAS 35x9F is a single-chip, low-power MPEG layer 2/3 and MPEG2-AAC audio stereo decoder. It also contains the G.729 Annex A speech compression and decompression technology for use in memorybased or broadcast applications. Additional functionality is achievable via download software (e.g., CELP voice decoder, Micronas SC4 (ADPCM) encoder/decoder).

Features
Firmware
– MPEG 1/2 layer 2 and layer 3 decoder
– Extension to MPEG 2 layer 3 for low sampling rates (“MPEG 2.5”)
– Extraction of MPEG Ancillary Data
– MPEG 2 AAC decoder (low-complexity profile)
– Micronas G.729 Annex A speech compression and decompression
– Master or slave clock operation
– Adaptive bit rates (bit rate switching)
– Intelligent power management (processor clock is dependent on sampling frequencies)
– SDMI-compliant security technology
– Stereo channel mixer
– Bass, treble, and loudness function
– Micronas Bass (MB)
– Automatic Volume Control (AVC)

Interfaces
– Two serial asynchronous interfaces for bit streams and uncompressed digital audio
– Parallel handshake bit stream input
– Serial audio output via I2S and related formats
– S/PDIF data input and output
– Controlling via I2C interface

Hardware Features
– Two independent embedded DC/DC converters, (e.g., for DSP and flash RAM supply)
– Low DC/DC converter start-up voltage (0.9 V)
– DC converter efficiency up to 95%
– Battery voltage monitor
– Low supply voltage down to 2.2 V
– Low power dissipation, e.g., 87 mW (128kBit/s, 44.1 kHz, Headphone playback)
– High-performance RISC DSP core
– On-chip crystal oscillator
– Hardware power management and power-off functions
– Microphone amplifier
– Stereo A/D converter for FM/AM-radio and speech input
– CD quality stereo D/A converter
– Headphone amplifier
– Noise and power-optimized volume
– External clock or crystal frequency of 13...28 MHz
– Standby current < 10 µA




Similar Part No. - MAS3539F

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS3504D MICRONAS-MAS3504D Datasheet
680Kb / 40P
G.729 Annex A Voice Codec
MAS3506D MICRONAS-MAS3506D Datasheet
696Kb / 52P
WorldSpace WorldSpace Audio Decoder
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
Audio Encoder/Decoder
More results


Similar Description - MAS3539F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Cirrus Logic
CS4922 CIRRUS-CS4922 Datasheet
662Kb / 34P
MPEG/G.729A AUDIO DECODER SYSTEM
logo
Micronas
MAS3504D MICRONAS-MAS3504D Datasheet
680Kb / 40P
G.729 Annex A Voice Codec
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
MPEG AUDIO CODEC
logo
ATMEL Corporation
AT80SND2CMP3B ATMEL-AT80SND2CMP3B_14 Datasheet
2Mb / 242P
MPEG I/II-Layer 3 Hardwired Decoder
AT83SND2C ATMEL-AT83SND2C_14 Datasheet
2Mb / 242P
MPEG I/II-Layer 3 Hardwired Decoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com