Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet (PDF) - STMicroelectronics

STA013 Datasheet PDF - STMicroelectronics
Part # STA013
Download  STA013 Download
File Size   300.27 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MPEG 2.5 LAYER III AUDIO DECODER

STA013 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA013 Datasheet PDF - STMicroelectronics

Part # STA013
Download  STA013 Click to download

File Size   300.27 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MPEG 2.5 LAYER III AUDIO DECODER

STA013 Datasheet (HTML) - STMicroelectronics


STA013 Product details

DESCRIPTION
The STA013 is a fully integrated high flexibility MPEG Layer III Audio Decoder, capable of decoding Layer III compressed elementary streams, as specified in MPEG 1 and MPEG 2 ISO standards. The device decodes also elementary streams compressed by using low sampling rates, as specified by MPEG 2.5.
   
■ SINGLE CHIP MPEG2 LAYER 3 DECODER
    SUPPORTING:
    - All features specified for Layer III in ISO/IEC
        11172-3 (MPEG 1 Audio)
    - All features specified for Layer III in ISO/IEC
        13818-3.2 (MPEG 2 Audio)
    - Lower sampling frequencies syntax extension,
        (not specified by ISO) called MPEG 2.5
■ DECODES LAYER III STEREO CHANNELS,
    DUAL CHANNEL, SINGLE CHANNEL
    (MONO)
■ SUPPORTING ALL THE MPEG 1 & 2 SAMPLING
    FREQUENCIES AND THE EXTENSION TO MPEG 2.5:
    48, 44.1, 32, 24, 22.05, 16, 12, 11. 025, 8 KHz
■ ACCEPTS MPEG 2.5 LAYER III ELEMENTARY COMPRESSED BITSTREAM WITH
    DATA RATE FROM 8 Kbit/s UP TO 320 Kbit/s
■ DIGITAL VOLUME CONTROL
■ DIGITAL BASS & TREBLE CONTROL
■ SERIAL BITSTREAM INPUT INTERFACE
■ ANCILLARY DATA EXTRACTION VIA I2C INTERFACE.
■ SERIAL PCM OUTPUT INTERFACE (I2S
    AND OTHER FORMATS)
    PLL FOR INTERNAL CLOCK AND FOR OUTPUT PCM CLOCK GENERATION
■ LOW POWER CONSUMPTION:
    85mW AT 2.4V
■ CRC CHECK AND SYNCHRONISATION ERROR DETECTION
    WITH SOFTWARE INDICATORS
■ I2C CONTROL BUS
■ LOW POWER 3.3V CMOS TECHNOLOGY
■ 10 MHz, 14.31818 MHz, OR 14.7456 MHz
    EXTERNAL INPUT CLOCK OR BUILT-IN INDUSTRY STANDARD
    XTAL OSCILLATOR DIFFERENT FREQUENCIES MAY BE
    SUPPORTED UPON REQUEST TO STM
   
APPLICATIONS
■ PC SOUND CARDS
■ MULTIMEDIA PLAYERS
   




Similar Part No. - STA013

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA011 STMICROELECTRONICS-STA011 Datasheet
434Kb / 38P
L-band RF front-end for digital radio
21-Nov-2007
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA014B STMICROELECTRONICS-STA014B Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA014T STMICROELECTRONICS-STA014T Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
More results


Similar Description - STA013

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA016T STMICROELECTRONICS-STA016T Datasheet
249Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
May-2001
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com