| Electronic Components Datasheet Search |
|
STA013 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA013 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 38 page ![]() SCLK_POL=0 SCLK_POL=4 DATA IGNORED DATA VALID SCKR SCKR SDI BIT_EN D98AU968A DATA IGNORED Figure 6. Serial Input Interface Clocks DATA SOURCE µP MPEG DECODER IIC D98AU912 IIC SDO SCKT LRCKT SERIAL AUDIO INTERFACE SDI SCKR BIT_EN XTO DAC RX TX XTI FILT PLL OCLK SCL SDA DATA_REQ Figure 5. MPEG Decoder Interfaces. 2.2 - Serial Input Interface STA013 receives the input data (MSB first) thought the Serial Input Interface (Fig.5). It is a serial communication interface connected to the SDI (Serial Data Input) and SCKR (Receiver Se- rial Clock). The interface can be configured to receive data sampled on both rising and falling edge of the SCKR clock. The BIT_EN pin, when set to low, forces the bit- stream input interface to ignore the incoming data. For proper operation Bit-EN line shold be toggled only when SCR is stable low (for both SCLK_POL configuration) The possible configu- rations are described in Fig. 6. 2.3 - PLL & Clock Generator System When STA013 receives the input clock, as de- scribed in Section 2.1, and a valid layer III input bit stream, the internal PLL locks, providing to the DSP Core the master clock (DCLK), and to the Audio Output Interface the nominal frequencies of the incoming compressed bit stream. The STA013 PLL block diagram is described in Figure 7. The audio sample rates are obtained dividing the oversampling clock (OCLK) by software program- mable factors. The operation is done by STA013 embedded software and it is transparent to the user. The STA013 PLL can drive directly most of the commercial DACs families, providing an over sampling clock, OCLK, obtained dividing the VCO frequency with a software programmable dividers. STA013 - STA013B - STA013T 7/38 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |