Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 12Page - STMicroelectronics STA013 Datasheet HTML 13Page - STMicroelectronics STA013 Datasheet HTML 14Page - STMicroelectronics STA013 Datasheet HTML 15Page - STMicroelectronics STA013 Datasheet HTML 16Page - STMicroelectronics STA013 Datasheet HTML 17Page - STMicroelectronics STA013 Datasheet HTML 18Page - STMicroelectronics STA013 Datasheet HTML 19Page - STMicroelectronics STA013 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
ANCCOUNT_L
Address: 0x41
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AC7
AC6
AC5
AC4
AC3
AC2
AC1
AC0
ANCCOUNT_H
Address: 0x42
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
ANCCOUNT_H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AC15 AC14 AC13 AC12 AC11 AC10
AC9
AC8
ANCCOUNT registers are logically concatenated
and indicate the number of Ancillary Data bits
available at every correctly decoded MPEG
frame.
HEAD_H[23:16]
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
H20
H19
H18
H17
H16
x = don’t care
HEAD_M[15:8]
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
H15
H14
H13
H12
H1‘1
H10
H9
H8
HEAD_L[7:0]
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
H7
H6
H5
H4
H3
H2
H1
H0
Address: 0x43, 0x44, 0x45
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
Head[1:0] emphasis
Head[2] original/copy
Head[3] copyrightHead
[5:4] mode extension
Head[7:6] mode
Head[8] private bit
Head[9] padding bit
Head[11:10] sampling frequency index
Head[15:12] bitrate index
Head[16] protection bit
Head[18:17] layer
Head[19] ID
Head[20] ID_ex
The HEAD registers can be viewed as logically
concatenated to store the MPEG Layer III Header
content. The set of three registers is updated
every time the synchronisation to the new MPEG
frame is achieved
STA013 - STA013B - STA013T
16/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com