Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 19Page - STMicroelectronics STA013 Datasheet HTML 20Page - STMicroelectronics STA013 Datasheet HTML 21Page - STMicroelectronics STA013 Datasheet HTML 22Page - STMicroelectronics STA013 Datasheet HTML 23Page - STMicroelectronics STA013 Datasheet HTML 24Page - STMicroelectronics STA013 Datasheet HTML 25Page - STMicroelectronics STA013 Datasheet HTML 26Page - STMicroelectronics STA013 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
PLLFRAC_L ([7:0])
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
PLLFRAC_H ([15:8])
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF15 PF14 PF13 PF12 PF11 PF10
PF9
PF8
Address: 0x64 - 0x65
Type: R/W
Software Reset: 0x46 | 0x5B
Hardware Reset: 0xNA | 0x5B
The registers are considered logically concate-
nated and contain the fractional values for the
PLL, used to select the internal configuration.
After Reset, the values are NA, and the opera-
tional setting are done when the MPEG synchro-
nisation is achieved.
The following formula describes the relationships
among all the STA013 fractional PLL parameters:
OCLK_Freq
= 
1
X
+ 1
⋅ 
MCLK_freq
N
+ 1
⋅ 
M
+ 1 +
FRAC
65536
where:
FRAC=256 x FRAC_H + FRAC_L (decimal)
These registers are a reference for 48 / 24 / 12 /
32 / 16 / 8KHz audio.
FRAME_CNT_L
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC7
FC6
FC5
FC4
FC3
FC2
FC1
FC0
FRAME_CNT_M
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC15 FC14 FC13 FC12 FC11 FC10
FC9
FC8
FRAME_CNT_H
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
FC23 FC22 FC21 FC20 FC19 FC18 FC17 FC016
Address: 0x67, 0x68, 0x69
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
The three registers are considered logically con-
catenated and
compose the Global Frame
Counter as described in the table.
It is updated at every decoded MPEG Frame.
The registers are reset on both hardware and
software reset.
AVERAGE_BITRATE
Address: 0x6A
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
AB7
AB6
AB5
AB4
AB3
AB2
AB1
AB0
AVERAGE_BITRATE is a read-only register and
it contains the average bitrate of the incoming bit-
stream. The value is rounded with an accuracy of
1 Kbit/sec.
SOFTVERSION
Address: 0x71
Type: RO
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
SV7
SV6
SV5
SV4
SV3
SV2
SV1
SV0
After the STA013 boot, this register contains the
version code of the embedded software.
STA013 - STA013B - STA013T
23/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com