Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 2 Page - STMicroelectronics

  STA013 Datasheet HTML 1Page - STMicroelectronics STA013 Datasheet HTML 2Page - STMicroelectronics STA013 Datasheet HTML 3Page - STMicroelectronics STA013 Datasheet HTML 4Page - STMicroelectronics STA013 Datasheet HTML 5Page - STMicroelectronics STA013 Datasheet HTML 6Page - STMicroelectronics STA013 Datasheet HTML 7Page - STMicroelectronics STA013 Datasheet HTML 8Page - STMicroelectronics STA013 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
I
2C CONTROL
SERIAL
INPUT
INTERFACE
BUFFER
MPEG 2.5
LAYER III
DECODER
CORE
CHANNEL
CONFIG.
&
VOLUME
CONTROL
OUTPUT
BUFFER
PCM
OUTPUT
INTERFACE
PARSER
26
3
4
RESET
SDA
SCL
5
6
7
BIT_EN
SCKR
SDI
SDO
9
10
11
SCKT
LRCKT
SYSTEM & AUDIO CLOCKS
TEST INTERFACE
SRC_INT
OUT_CLK/DATA_REQ
XTI
XTO
OCLK
TESTEN
SCANEN
D98AU965
8
28
21
201224
25
Figure 1. Block Diagram: MPEG 2.5 Layer III Decoder Hardware Partitioning.
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to Ambient
85
°C/W
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Power Supply
-0.3 to 4
V
Vi
Voltage on Input pins
-0.3 to VDD +0.3
V
VO
Voltage on output pins
-0.3 to VDD +0.3
V
Tstg
Storage Temperature
-40 to +150
°C
Toper
Operative ambient temp
-40 to +85 (*)
°C
Tj
Operating Junction Temperature
-40 to 125
°C
(*) guaranteed by design.
STA013 - STA013B - STA013T
2/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com