Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 13Page - STMicroelectronics STA013 Datasheet HTML 14Page - STMicroelectronics STA013 Datasheet HTML 15Page - STMicroelectronics STA013 Datasheet HTML 16Page - STMicroelectronics STA013 Datasheet HTML 17Page - STMicroelectronics STA013 Datasheet HTML 18Page - STMicroelectronics STA013 Datasheet HTML 19Page - STMicroelectronics STA013 Datasheet HTML 20Page - STMicroelectronics STA013 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
The meaning of the flags are shown in the follow-
ing tables:
MPEG IDs
IDex
ID
0
0
MPEG 2.5
0
1
reserved
1
0
MPEG 2
1
1
MPEG 1
Layer
in Layer III these two flags must be set always to
"01".
Protection_bit
It equals "1" if no redundancy has been added
and "0" if redundancy has been added.
Bitrate_index
indicates the bitrate (Kbit/sec) depending on the
MPEG ID.
bitrate index
ID = 1
ID = 0
’0000’
free
free
’0001’
32
8
’0010’
40
16
’0011’
48
24
’0100’
56
32
’0101’
64
40
’0110’
80
48
’0111’
96
56
’1000’
112
64
’1001’
128
80
’1010’
160
96
’1011’
192
112
’1100’
224
128
’1101’
256
144
’1110’
320
160
’1111’
forbidden
forbidden
Sampling Frequency
indicates the sampling frequency of the encoded
audio signal (KHz) depending on the MPEG ID
Sampling
Frequency
MPEG1
MPEG2
MPEG2.5
’00’
44.1
22.05
11.03
’01’
48
24
12
’10’
32
16
8
’11’
reserved
reserved
reserved
Padding bit
if this bit equals ’1’, the frame contains an addi-
tional slot to adjust the mean bitrate to the sam-
pling frequency, otherwise this bit is set to ’0’.
Private bit
Bit for private use. This bit will not be used in the
future by ISO/IEC.
Mode
Indicates the mode according to the following ta-
ble. The joint stereo mode is intensity_stereo
and/or ms_stereo.
mode
mode specified
’00’
stereo
’01’
joint stereo (intensity_stereo and/or ms_stereo)
’10’
dual_channel
’11’
single_channel (mono)
Mode extension
These bits are used in joint stereo mode. They in-
dicates which type of joint stereo coding method
is applied. The frequency ranges, over which the
intensity_stereo and ms_stereo modes are ap-
plied, are implicit in the algorithm.
Copyright
If this bit is equal to ’0’, there is no copyright on
the bitstream, ’1’ means copyright protected.
Original/Copy
This bit equals ’0’ if the bitstream is a copy, ’1’ if it
is original.
Emphasis
Indicates the type of de-emphasis that shall be
used.
emphasis
emphasis specified
’00’
none
’01’
50/15 microseconds
’10’
reserved
’11’
CCITT J,17
STA013 - STA013B - STA013T
17/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com