Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 21Page - STMicroelectronics STA013 Datasheet HTML 22Page - STMicroelectronics STA013 Datasheet HTML 23Page - STMicroelectronics STA013 Datasheet HTML 24Page - STMicroelectronics STA013 Datasheet HTML 25Page - STMicroelectronics STA013 Datasheet HTML 26Page - STMicroelectronics STA013 Datasheet HTML 27Page - STMicroelectronics STA013 Datasheet HTML 28Page - STMicroelectronics STA013 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
TREBLE_ENHANCE
Address: 0x7B
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TE7
TE6
TE5
TE4
TE3
TE2
TE1
TE0
Signed number (2 complement)
This register is used to select the enhancement
or attenuation STA013 has to perform on Treble
Frequency range at the digital signal.
A decrement (increment) of a decimal unit corre-
sponds to a step of attenuation (enhancement) of
1.5dB.
The allowed Attenuation/Enhancement range is
[-18dB, +18dB].
MSB
LSB
ENHANCE/ATTENUATION
b7
b6
b5
b4
b3
b2
b1
b0
1.5dB step
000
01
10
0
+18
000
01
01
1
+16.5
000
01
01
0
+15
000
01
00
1
+13.5
.
.
.
00
000001
+1
00
000000
0
11
111111
-1
.
.
.
11
110111
-13.5
11
110110
-15
11
110100
-16.5
11
110100
-18
STA013 - STA013B - STA013T
25/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com