Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 5 Page - STMicroelectronics

  STA013 Datasheet HTML 1Page - STMicroelectronics STA013 Datasheet HTML 2Page - STMicroelectronics STA013 Datasheet HTML 3Page - STMicroelectronics STA013 Datasheet HTML 4Page - STMicroelectronics STA013 Datasheet HTML 5Page - STMicroelectronics STA013 Datasheet HTML 6Page - STMicroelectronics STA013 Datasheet HTML 7Page - STMicroelectronics STA013 Datasheet HTML 8Page - STMicroelectronics STA013 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
1. ELECTRICAL CHARACTERISTICS: VDD = 2.7V
±0.3V; Tamb = 0 to 70°C; Rg = 50Ω unless otherwise
specified
DC OPERATING CONDITIONS
Symbol
Parameter
Value
VDD
Power Supply Voltage
2.4 to 3.6V
GENERAL INTERFACE ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
IIL
Low Level Input Current
Without pull-up device
Vi = 0V
-10
10
µA1
IIH
High Level Input Current
Without pull-up device
Vi = VDD = 3.6V
-10
10
µA1
Vesd
Electrostatic Protection
Leakage < 1
µA
2000
V
2
Note 1: The leakage currents are generally very small, < 1nA. The value given here is a maximum that can occur after an electrostatic stress
on the pin.
Note 2: Human Body Model.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
VIL
Low Level Input Voltage
0.2*VDD
V
VIH
High Level Input Voltage
0.8*VDD
V
Vol
Low Level Output Voltage
Iol = Xma
0.4V
V
1, 2
Voh
High Level Output Voltage
0.85*VDD
V1, 2
Note 1: Takes into account 200mV voltage drop in both supply lines.
Note 2: X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive capability.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
Ipu
Pull-up current
Vi = 0V; pin numbers 7, 24
and 26; VDD = 3V
-25
-66
-125
µA1
Rpu
Equivalent Pull-up
Resistance
50
k
Note 1: Min. condition: VDD = 2.4V, 125°C Min process
Max. condition: VDD = 3.6V, -20°C Max.
POWER DISSIPATION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Note
PD
Power Dissipation
@ VDD = 3V
Sampling_freq
≤24 kHz
76
mW
Sampling_freq
≤32 kHz
79
mW
Sampling_freq
≤48 kHz
85
mW
STA013 - STA013B - STA013T
5/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com