Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 30Page - STMicroelectronics STA013 Datasheet HTML 31Page - STMicroelectronics STA013 Datasheet HTML 32Page - STMicroelectronics STA013 Datasheet HTML 33Page - STMicroelectronics STA013 Datasheet HTML 34Page - STMicroelectronics STA013 Datasheet HTML 35Page - STMicroelectronics STA013 Datasheet HTML 36Page - STMicroelectronics STA013 Datasheet HTML 37Page - STMicroelectronics STA013 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
OUTLINE AND
MECHANICAL DATA
D1
D
A
0.15
A1
A2
e
f
f
A
1
2
3
4
5
6
7
8
B
C
D
E
F
G
H
E1
φ b (64 PLACES)
E
BALL 1 IDENTIFICATION
LFBGA64M
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.700
0.067
A1
0.350
0.400
0.450
0.014
0.016
0.018
A2
1.100
0.043
b
0.500
0.20
D
8.000
0.315
D1
5.600
0.220
e
0.800
0.031
E
8.000
0.315
E1
5.600
0.220
f
1.200
0.047
LFBGA64
Body: 8 x 8 x 1.7mm
STA013 - STA013B - STA013T
37/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com