Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 18Page - STMicroelectronics STA013 Datasheet HTML 19Page - STMicroelectronics STA013 Datasheet HTML 20Page - STMicroelectronics STA013 Datasheet HTML 21Page - STMicroelectronics STA013 Datasheet HTML 22Page - STMicroelectronics STA013 Datasheet HTML 23Page - STMicroelectronics STA013 Datasheet HTML 24Page - STMicroelectronics STA013 Datasheet HTML 25Page - STMicroelectronics STA013 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
PCMCROSS
Address: 0x56
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
X
X
X
X
X
X
0
0
Left channel is mapped on the left output.
Right channel is mapped on the Right output
X
X
X
X
X
X
0
1
Left channel is duplicated on both Output channels.
X
X
X
X
X
X
1
0
Right channel is duplicated on both Output channels
X
X
X
X
X
X
1
1
Right and Left channels are toggled
The default configuration for this register is ’0x00’.
ANCILLARY DATA BUFFER
Address: 0x59 - 0x5D
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
STA013 can extract max 56 bytes/MPEG frame.
To know the number of A.D. bits available every
MPEG frame, the ANCCOUNT_L and ANC-
COUNT_H registers (0x41 and 0x42) have to be
read.
The buffer dimension is 5 bytes, written by
STA013 core in sequential order. The timing in-
formation to read the buffer can be obtained by
reading the FRAME_CNT registers (0x67 - 0x69).
To fill up the buffer with a new 5-bytes slot, the
STA013 waits until a CMD_INTERRUPT register
is written by the master.
MFSDF (X)
Address: 0x61
Type: R/W
Software Reset: 0x07
Hardware Reset: 0x07
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
M4
M3
M2
M1
M0
The register contains the values for PLL X divider
(see Fig. 7).
The value is changed by the internal STA013
Core, to set the clocks frequencies, according to
the incoming bitstream. This value can be even
set by the user to select the PCM interface con-
figuration.
The VCO output frequency is divided by (X+1).
This register is a reference for 32KHz and 48 KHz
input bitstream.
DAC_CLK_MODE
Address: 0x63
Type: RW
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXX
XXXX
MODE
This register is used to select the operating mode
for OCLK clock signal.
If it is set to ’1’, the OCLK frequency is fixed, and
it is mantained to the value fixed by the user even
if the sampling frequency of the incoming bit-
stream changes.
It the MODE flag is set to ’0’, the OCLK frequency
changes, and can be set to (512, 384, 256) * Fs.
The default configuration for this mode is 256 *
Fs.
When this mode is selected, the default OCLK
frequency is 12.288 MHz.
STA013 - STA013B - STA013T
22/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com