Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 16Page - STMicroelectronics STA013 Datasheet HTML 17Page - STMicroelectronics STA013 Datasheet HTML 18Page - STMicroelectronics STA013 Datasheet HTML 19Page - STMicroelectronics STA013 Datasheet HTML 20Page - STMicroelectronics STA013 Datasheet HTML 21Page - STMicroelectronics STA013 Datasheet HTML 22Page - STMicroelectronics STA013 Datasheet HTML 23Page - STMicroelectronics STA013 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
PLLFRAC_441_H
Address: 0x52
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF15 PF14 PF13 PF12 PF11 PF10
PF9
PF8
The registers are considered logically concate-
nated and contain the fractional values for the
PLL, for 44.1KHz reference frequency.
(see also PLLFRAC_L and PLLFRAC_H regis-
ters)
PCMDIVIDER
Address: 0x54
Type: RW
Software Reset: 0x03
Hardware Reset: 0x03
7
65432
10
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PCMDIVIDER is used to set the frequency ratio
between the OCLK (Oversampling Clock for
DACs), and the SCKT (Serial Audio Transmitter
Clock).
The relation is the following:
SCKT_freq
=
OCLK_freq
2
(1 + PCM_DIV)
The Oversampling Factor (O_FAC) is related to OCLK and SCKT by the following expression:
1) OCLK_freq = O_FAC * LRCKT_ Freq
(DAC relation)
2) OCLK_ Freq = 2 * (1+PCM_DIV) * 32*
LRCKT_Freq (when 16 bit PCM mode is used)
3) OCLK_ Freq = 2 * (1+PCM_DIV) * 64*
LRCKT_Freq (when 32 bit PCM mode is used)
4) PCM_DIV = (O_FAC/64) - 1 in 16 bit mode
5) PCM_DIV = (O_FAC/128) - 1 in 32 bit mode
Example for setting:
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
00
000111
16 bit mode
512 x Fs
00
000101
16 bit mode
384 x Fs
00
000011
16 bit mode
256 x Fs
00
000011
32 bit mode
512 x Fs
00
000010
32 bit mode
384 x Fs
00
000001
32 bit mode
256 x Fs
for 16 bit PCM Mode
O_FAC = 512 ; PCM_DIV = 7
O_FAC = 256 ; PCM_DIV = 3
O_FAC = 384 ; PCM_DIV = 5
for 32 bit PCM Mode
O_FAC = 512 ; PCM_DIV = 3
O_FAC = 256 ; PCM_DIV = 1
O_FAC = 384 ; PCM_DIV = 2
STA013 - STA013B - STA013T
20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com