Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 8Page - STMicroelectronics STA013 Datasheet HTML 9Page - STMicroelectronics STA013 Datasheet HTML 10Page - STMicroelectronics STA013 Datasheet HTML 11Page - STMicroelectronics STA013 Datasheet HTML 12Page - STMicroelectronics STA013 Datasheet HTML 13Page - STMicroelectronics STA013 Datasheet HTML 14Page - STMicroelectronics STA013 Datasheet HTML 15Page - STMicroelectronics STA013 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
I
2C REGISTERS (continued)
HEX_COD
DEC_COD
DESCRIPTION
RESET
R/W
$43
67
HEAD_H[23:16]
0x00
R(8)
$44
68
HEAD_M[15:8]
0x00
R(8)
$45
69
HEAD_L[7:0]
0x00
R(8)
$46
70
DLA
0x00
R/W (8)
$47
71
DLB
0xFF
R/W (8)
$48
72
DRA
0x00
R/W (8)
$49
73
DRB
0xFF
R/W (8)
$50
80
MFSDF_441
0x00
R/W (8)
$51
81
PLLFRAC_441_L
0x00
R/W (8)
$52
82
PLLFRAC_441_H
0x00
R/W (8)
$54
84
PCM DIVIDER
0x03
R/W (8)
$55
85
PCMCONF
0x21
R/W (8)
$56
86
PCMCROSS
0x00
R/W (8)
$59
89
ANC_DATA_1 [7:0]
0x00
R (8)
$5A
90
ANC_DATA_2 [15:8]
0x00
R (8)
$5B
91
ANC_DATA_3 [23:16]
0x00
R (8)
$5C
92
ANC_DATA_4 [31:24]
0x00
R (8)
$5D
93
ANC_DATA_5 [39:32]
0x00
R (8)
$61
97
MFSDF (X)
0x07
R/W (8)
$63
99
DAC_CLK_MODE
0x00
R/W (8)
$64
100
PLLFRAC_L
0x46
R/W (8)
$65
101
PLLFRAC_H
0x5B
R/W (8)
$67
103
FRAME_CNT_L
0x00
R (8)
$68
104
FRAME_CNT_M
0x00
R (8)
$69
105
FRAME_CNT_H
0x00
R (8)
$6A
106
AVERAGE_BITRATE
0x00
R (8)
$71
113
SOFTVERSION
R (8)
$72
114
RUN
0x00
R/W (8)
$77
119
TREBLE_FREQUENCY_LOW
0x00
R/W (8)
$78
120
TREBLE_FREQUENCY_HIGH
0x00
R/W (8)
$79
121
BASS_FREQUENCY_LOW
0x00
R/W (8)
$7A
122
BASS_FREQUENCY_HIGH
0x00
R/W (8)
$7B
123
TREBLE_ENHANCE
0x00
R/W (8)
$7C
124
BASS_ENHANCE
0x00
R/W (8)
$7D
125
TONE_ATTEN
0x00
R/W (8)
Note:
1) The HEX_COD is the hexadecimal adress that the microcontroller has to generate to access the information.
2) RESERVED: register used for production test only, or for future use.
STA013 - STA013B - STA013T
12/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com