Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 1 Page - STMicroelectronics

  STA013 Datasheet HTML 1Page - STMicroelectronics STA013 Datasheet HTML 2Page - STMicroelectronics STA013 Datasheet HTML 3Page - STMicroelectronics STA013 Datasheet HTML 4Page - STMicroelectronics STA013 Datasheet HTML 5Page - STMicroelectronics STA013 Datasheet HTML 6Page - STMicroelectronics STA013 Datasheet HTML 7Page - STMicroelectronics STA013 Datasheet HTML 8Page - STMicroelectronics STA013 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
February 2004
ORDERING NUMBERS: STA013$ (SO28)
STA013T$ (TQFP44)
STA013B$ (LFBGA 8x8)
SINGLE CHIP MPEG2 LAYER 3 DECODER
SUPPORTING:
- All features specified for Layer III in ISO/IEC
11172-3 (MPEG 1 Audio)
- All features specified for Layer III in ISO/IEC
13818-3.2 (MPEG 2 Audio)
- Lower sampling frequencies syntax extension,
(not specified by ISO) called MPEG 2.5
DECODES LAYER III STEREO CHANNELS,
DUAL
CHANNEL,
SINGLE
CHANNEL
(MONO)
SUPPORTING ALL THE MPEG 1 & 2 SAM-
PLING FREQUENCIES AND THE EXTEN-
SION TO MPEG 2.5:
48, 44.1, 32, 24, 22.05, 16, 12, 11. 025, 8 KHz
ACCEPTS MPEG 2.5 LAYER III ELEMEN-
TARY COMPRESSED BITSTREAM WITH
DATA RATE FROM 8 Kbit/s UP TO 320 Kbit/s
DIGITAL VOLUME CONTROL
DIGITAL BASS & TREBLE CONTROL
SERIAL BITSTREAM INPUT INTERFACE
ANCILLARY DATA EXTRACTION VIA I2C IN-
TERFACE.
SERIAL PCM OUTPUT INTERFACE (I
2S
AND OTHER FORMATS)
PLL FOR INTERNAL CLOCK AND FOR OUT-
PUT PCM CLOCK GENERATION
LOW POWER CONSUMPTION:
85mW AT 2.4V
CRC CHECK AND SYNCHRONISATION ER-
ROR DETECTION WITH SOFTWARE INDI-
CATORS
I
2C CONTROL BUS
LOW POWER 3.3V CMOS TECHNOLOGY
10 MHz, 14.31818
MHz, OR 14.7456 MHz
EXTERNAL INPUT CLOCK OR BUILT-IN IN-
DUSTRY STANDARD XTAL OSCILLATOR
DIFFERENT FREQUENCIES MAY BE SUP-
PORTED UPON REQUEST TO STM
APPLICATIONS
PC SOUND CARDS
MULTIMEDIA PLAYERS
DESCRIPTION
The STA013 is a fully integrated high flexibility
MPEG Layer III Audio Decoder, capable of de-
coding Layer III compressed elementary streams,
as specified in MPEG 1 and MPEG 2 ISO stand-
ards. The device decodes also elementary streams
compressed by using low sampling rates, as speci-
fied by MPEG 2.5.
STA013 receives the input data through a Serial
Input Interface. The decoded signal is a stereo,
mono, or dual channel digital output that can be
sent directly to a D/A converter, by the PCM Out-
put Interface. This interface is software program-
mable to adapt the STA013 digital output to the
most common DACs architectures used on the
market.
The functional STA013 chip partitioning is de-
scribed in Fig.1.
STA013
STA013B STA013T
MPEG 2.5 LAYER III AUDIO DECODER
®
SO28
TQFP44
LFBGA64
1/38


Similar Part No. - STA013

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA011 STMICROELECTRONICS-STA011 Datasheet
434Kb / 38P
L-band RF front-end for digital radio
21-Nov-2007
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA014B STMICROELECTRONICS-STA014B Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA014T STMICROELECTRONICS-STA014T Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
More results

Similar Description - STA013

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA016T STMICROELECTRONICS-STA016T Datasheet
249Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
May-2001
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com