Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014 Datasheet (PDF) - STMicroelectronics

STA014 Datasheet PDF - STMicroelectronics
Part # STA014
Download  STA014 Download
File Size   466.91 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY

STA014 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA014 Datasheet PDF - STMicroelectronics

Part # STA014
Download  STA014 Click to download

File Size   466.91 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY

STA014 Datasheet (HTML) - STMicroelectronics


STA014 Product details

DESCRIPTION
The STA014 is a fully integrated high flexibility MPEG Layer III Audio Decoder, capable of decoding Layer III compressed elementary streams, as specified in MPEG 1 and MPEG 2 ISO standards. The device decodes also elementary streams compressed by using low sampling rates, as specified by MPEG 2.5. STA014 receives the input data through a Serial Input Interface. The decoded signal is a stereo, mono, or dual channel digital output that can be sent directly to a D/A converter, by the PCM Output Interface. This interface is software programmable to adapt the STA014 digital output to the most common DACs architectures used on the market. The functional STA014 chip partitioning is described in Fig.1a and Fig.1b.

■ SINGLE CHIP MPEG2 LAYER 3 DECODER SUPPORTING:
   - All features specified for Layer III in ISO/IEC 11172-3 (MPEG 1 Audio)
   - All features specified for Layer III in ISO/IEC 13818-3.2 (MPEG 2 Audio)
   - Lower sampling frequencies syntax extension,
      (not specified by ISO) called MPEG 2.5
■ DECODES LAYER III STEREO CHANNELS, DUAL CHANNEL, SINGLE CHANNEL (MONO)
■ SUPPORTING ALL THE MPEG 1 & 2 SAMPLING FREQUENCIES AND
   THE EXTENSION TO MPEG 2.5: 48, 44.1, 32, 24, 22.05, 16, 12, 11. 025, 8 KHz
■ ACCEPTS MPEG 2.5 LAYER III ELEMENARY COMPRESSED BITSTREAM
   WITH DATA RATE FROM 8 Kbit/s UP TO 320 Kbit/s
■ ADPCM CODEC CAPABILITIES:
   - sample frequency from 8 kHz to 32 kHz
   - sample size from 8 bits to 32 bits
   - encoding algorithm: DVI, ITU-G726 pack (G723-24, G721,G723-40)
   - Tone control and fast-forward capability
■ SRS WOW(1) TECHNOLOGY CAN BE USED AS POSTPROCESSING.
   SUPPORT FOR DIFFERENT SPEAKERS TYPES:
   - headphone
   - medium
   - large
■ WOW(1) TRUEBASS AND FOCUS CAN BE INDIPENDENTLY ADJUSTED
■ EASY PROGRAMMABLE GPSO INTERFACE FOR ENCODED
   DATA UP TO 5Mbit/s (TQFP44 & LFBGA 64)
■ DIGITAL VOLUME
■ BASS & TREBLE CONTROL
■ SERIAL BITSTREAM INPUT INTERFACE
■ EASY PROGRAMMABLE ADC INPUT INTERFACE
■ ANCILLARY DATA EXTRACTION VIA I2C INTERFACE.
■ SERIAL PCM OUTPUT INTERFACE (I2S AND OTHER FORMATS)
■ PLL FOR INTERNAL CLOCK AND FOR OUTPUT PCM CLOCK GENERATION
■ CRC CHECK AND SYNCHRONISATION ERROR DETECTION WITH SOFTWARE INDICATORS
■ I2C CONTROL BUS
■ LOW POWER 2.4V CMOS TECHNOLOGY
■ WIDE RANGE OF EXTERNAL CRYSTALS FREQUENCIES SUPPORTED

APPLICATIONS
■ PC SOUND CARDS
■ MULTIMEDIA PLAYERS
■ VOICE RECORDERS




Similar Part No. - STA014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA011 STMICROELECTRONICS-STA011 Datasheet
434Kb / 38P
L-band RF front-end for digital radio
21-Nov-2007
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA013B STMICROELECTRONICS-STA013B Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA013T STMICROELECTRONICS-STA013T Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
More results


Similar Description - STA014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA016T STMICROELECTRONICS-STA016T Datasheet
249Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
May-2001
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com