Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA014
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA014 Datasheet HTML 6Page - STMicroelectronics STA014 Datasheet HTML 7Page - STMicroelectronics STA014 Datasheet HTML 8Page - STMicroelectronics STA014 Datasheet HTML 9Page - STMicroelectronics STA014 Datasheet HTML 10Page - STMicroelectronics STA014 Datasheet HTML 11Page - STMicroelectronics STA014 Datasheet HTML 12Page - STMicroelectronics STA014 Datasheet HTML 13Page - STMicroelectronics STA014 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
SCLK_POL=0
SCLK_POL=4
DATA IGNORED
DATA VALID
SCKR
SCKR
SDI
BIT_EN
D98AU968A
DATA
IGNORED
Figure 8. Serial Input Interface Clocks
3. INTERFACE DESCRIPTION
3.1 - Serial Input Interface
STA014 receives the input data (MSB first)
through the Serial Input Interface (Fig.7). It is a
serial communication interface connected to the
SDI (Serial Data Input) and SCKR (Receiver Se-
rial Clock).
The interface can be configured to receive data
sampled on both rising and falling edge of the
SCKR clock. The BIT_EN pin, when set to low,
forces the bitstream input interface to ignore the
incoming data. For proper operation BIT_EN line
should be toggled only when SCKR is stable low
(for both SCLK_POL configuration)8The possible
configurations are described in Fig. 8.
3.2 - GPSO Output Interface
In order to retrieve ADPCM encoded data a Gen-
eral Purpose Serial Output interface is available
(in TQFP44 and LFBGA64 packages only). The
maximum frequency for GPSO_SCKR clock is
the
DSP system clock frequency divided by 3
(i.e. 8.192 MHz @ 24.58MHz). The interface is
based on a simple and configurable 3-lines proto-
col, as described by figure 10.
3.3 - PCM Output Interface
The decoded audio data are output in serial PCM
format. The interface consists of the following sig-
nals:
SDO
PCM Serial Data Output
SCKT
PCM Serial Clock Output
LRCLK
Left/Right Channel Selection Clock
The output samples precision is selectable from
16 to 24 bits/word, by setting the output precision
with PCMCONF (16, 18, 20 and 24 bits mode)
register. Data can be output either with the most
significant bit first (MS) or least significant bit first
(LS), selected by writing into a flag of the
PCMCONF register.
Figure 8 gives a description of the several
STA014 PCM Output Formats. The sample rates
set decoded by STA014 is described in Table 1.
LRCKT
SDO
SDO
PCM_FORMAT = 0
PCM_DIFF = 0
PCM_FORMAT = 1
PCM_DIFF = 1
32 SCLK Cycles
32 SCLK Cycles
32 SCLK Cycles
32 SCLK Cycles
32 SCLK Cycles
M
S
M
S
L
S
L
S
L
S
L
S
M
S
M
S
M
S
L
S
M
S
L
S
L
S
L
S
M
S
M
S
LRCKT
SDO
SDO
PCM_ORD = 1
PCM_PREC is 16 bit mode
PCM_ORD = 0
PCM_PREC is 16 bit mode
16 SCLK Cycles
16 SCLK Cycles
16 SCLK Cycles
16 SCLK Cycles
16 SCLK Cycles
M
S
M
S
L
S
L
S
L
S
L
S
M
S
M
S
M
S
L
S
M
S
L
S
L
S
L
S
M
S
M
S
SDO
PCM_FORMAT = 0
PCM_DIFF = 1
L
S
L
S
M
S
M
S
M
S
L
S
L
S
M
S
SDO
PCM_FORMAT = 1
PCM_DIFF = 1
L
S
L
S
M
S
M
S
M
S
L
S
L
S
M
S
0
0
0
0
0
0
0
0
00
00
0
0
0
0
MSB
MSB
MSB
MSB
Figure 9. PCM Output Formats
Table 1: MPEG Sampling Rates (KHz)
MPEG 1
MPEG 2
MPEG 2.5
48
24
12
44.1
22.05
11.025
32
16
8
STA014-STA014B-STA014T
10/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com