Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA014
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014 Datasheet(HTML) 1 Page - STMicroelectronics

  STA014 Datasheet HTML 1Page - STMicroelectronics STA014 Datasheet HTML 2Page - STMicroelectronics STA014 Datasheet HTML 3Page - STMicroelectronics STA014 Datasheet HTML 4Page - STMicroelectronics STA014 Datasheet HTML 5Page - STMicroelectronics STA014 Datasheet HTML 6Page - STMicroelectronics STA014 Datasheet HTML 7Page - STMicroelectronics STA014 Datasheet HTML 8Page - STMicroelectronics STA014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
July 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
(1) in order to enable SRS WOW algorithm a mandatory configuration file is required.
ORDERING NUMBERS: STA014 (SO28)
STA014T (TQFP44)
STA014B (LFBGA 64)
SINGLE CHIP MPEG2 LAYER 3 DECODER
SUPPORTING:
- All features specified for Layer III in ISO/IEC
11172-3 (MPEG 1 Audio)
- All features specified for Layer III in ISO/IEC
13818-3.2 (MPEG 2 Audio)
- Lower sampling frequencies syntax extension,
(not specified by ISO) called MPEG 2.5
DECODES LAYER III STEREO CHANNELS,
DUAL
CHANNEL,
SINGLE
CHANNEL
(MONO)
SUPPORTING ALL THE MPEG 1 & 2 SAM-
PLING FREQUENCIES AND THE EXTEN-
SION TO MPEG 2.5:
48, 44.1, 32, 24, 22.05, 16, 12, 11. 025, 8 KHz
ACCEPTS MPEG 2.5 LAYER III ELEMEN-
TARY COMPRESSED BITSTREAM WITH
DATA RATE FROM 8 Kbit/s UP TO 320 Kbit/s
ADPCM CODEC CAPABILITIES:
- sample frequency from 8 kHz to 32 kHz
- sample size from 8 bits to 32 bits
- encoding algorithm: DVI,
ITU-G726 pack (G723-24, G721,G723-40)
- Tone control and fast-forward capability
SRS WOW
(1) TECHNOLOGY CAN BE USED
AS
POSTPROCESSING.
SUPPORT
FOR
DIFFERENT SPEAKERS TYPES:
- headphone
- medium
- large
WOW
(1) TRUEBASS AND FOCUS CAN BE
INDIPENDENTLY ADJUSTED
EASY PROGRAMMABLE GPSO INTERFACE
FOR
ENCODED
DATA
UP
TO
5Mbit/s
(TQFP44 & LFBGA 64)
DIGITAL VOLUME
BASS & TREBLE CONTROL
SERIAL BITSTREAM INPUT INTERFACE
EASY PROGRAMMABLE ADC INPUT INTERFACE
ANCILLARY DATA EXTRACTION VIA I2C IN-
TERFACE.
SERIAL PCM OUTPUT INTERFACE (I
2S
AND OTHER FORMATS)
PLL FOR INTERNAL CLOCK AND FOR OUT-
PUT PCM CLOCK GENERATION
CRC CHECK AND SYNCHRONISATION ER-
ROR DETECTION WITH SOFTWARE INDI-
CATORS
I
2C CONTROL BUS
LOW POWER 2.4V CMOS TECHNOLOGY
WIDE RANGE OF EXTERNAL CRYSTALS
FREQUENCIES SUPPORTED
APPLICATIONS
PC SOUND CARDS
MULTIMEDIA PLAYERS
VOICE RECORDERS
DESCRIPTION
The STA014 is a fully integrated high flexibility
MPEG Layer III Audio Decoder, capable of de-
coding Layer III compressed elementary streams,
as specified in MPEG 1 and MPEG 2 ISO stand-
ards. The device decodes also elementary streams
compressed by using low sampling rates, as speci-
fied by MPEG 2.5. STA014 receives the input data
through a Serial Input Interface. The decoded sig-
nal is a stereo, mono, or dual channel digital output
that can be sent directly to a D/A converter, by the
PCM Output Interface. This interface is software
programmable to adapt the STA014 digital output
to the most common DACs architectures used on
the market. The functional STA014 chip partitioning
is described in Fig.1a and Fig.1b.
STA014 STA014B STA014T
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND
SRS WOW® POSTPROCESSING CAPABILITY
PRODUCT PREVIEW
®
The Device incorporates the SRS
WOW
®
Technology
under
li-
cence from SRS Labs, Inc.
1/45


Similar Part No. - STA014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA011 STMICROELECTRONICS-STA011 Datasheet
434Kb / 38P
L-band RF front-end for digital radio
21-Nov-2007
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA013B STMICROELECTRONICS-STA013B Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA013T STMICROELECTRONICS-STA013T Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
More results

Similar Description - STA014

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA016T STMICROELECTRONICS-STA016T Datasheet
249Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
May-2001
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com