Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA014 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA014
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014 Datasheet(HTML) 4 Page - STMicroelectronics

  STA014 Datasheet HTML 1Page - STMicroelectronics STA014 Datasheet HTML 2Page - STMicroelectronics STA014 Datasheet HTML 3Page - STMicroelectronics STA014 Datasheet HTML 4Page - STMicroelectronics STA014 Datasheet HTML 5Page - STMicroelectronics STA014 Datasheet HTML 6Page - STMicroelectronics STA014 Datasheet HTML 7Page - STMicroelectronics STA014 Datasheet HTML 8Page - STMicroelectronics STA014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal resistance Junction to Ambient
85
°C/W
1. OVERVIEW
1.1 - MP3 decoder engine
The MP3 decoder engine is able to decode any
Layer III compliant bitstream: MPEG1, MPEG2
and MPEG2.5 streams are supported. Besides
audio data decoding the MP3 engine also per-
forms ANCILLARY data extraction: these data
can be retrieved via I2C bus by the application
microcontroller in order to implement specific
functions.
Decoded audio data goes through a software vol-
ume control and a two-band equalizer blocks be-
fore feeding the output I2S interface. This results
in no need for an external audio processor.
MP3 bitstream is sent to the decoder using a sim-
ple serial input interface (see pins SDI, SCKR,
BIT_EN and DATA_REQ), supporting input rate
up to 20 Mbit/s. Received data are stored in a
256 bytes long input buffer which provides a
feedback line (see DATA_REQ pin) to the bit-
stream source (tipically an MCU).
1.2 - ADPCM encoder/decoder engine
This device also embeds a multistandard ADPCM
encoder/decoder
supporting
different
sample
rates (from 8 KHz up to 32 KHz) and different
sample sizes (from 8 bit to 32 bits). During en-
coding process two different interfaces can be
used to feed data: the serial input interface (same
interface used also to feed MP3 bitstream) or the
ADC input interface, which provides a seamless
connection with an external A/D converter. The
currently used interface is selected via I2C bus.
Also to retrieve encoded data two different inter-
faces are available: the I2C bus or the faster
GPSO output interface. GPSO interface is able to
output data with a bitrate up to 5 Mbit/s and its
control pins (GPSO_SCKR, GPSO_DATA and
GPSO_REQ) can be configured in order to easily
fit the target application.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Power Supply
-0.3 to 4
V
Vi
Voltage on Input pins
-0.3 to VDD +0.3
V
VO
Voltage on output pins
-0.3 to VDD +0.3
V
Tstg
Storage Temperature
-40 to +150
°C
Toper
Operative ambient temp
-20 to +85
°C
STA014-STA014B-STA014T
4/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com