Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 2Page - STMicroelectronics STA013 Datasheet HTML 3Page - STMicroelectronics STA013 Datasheet HTML 4Page - STMicroelectronics STA013 Datasheet HTML 5Page - STMicroelectronics STA013 Datasheet HTML 6Page - STMicroelectronics STA013 Datasheet HTML 7Page - STMicroelectronics STA013 Datasheet HTML 8Page - STMicroelectronics STA013 Datasheet HTML 9Page - STMicroelectronics STA013 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
VDD
100nF
1
2
VDD
100nF
14
13
VSS
VDD
100nF
16
15
VDD
100nF
23
22
VSS
VSS
VSS
17
18
27
28
26
RESET
24
TESTEN
25
SCANEN
OUT_CLK/DATA_REQ
VDD
PVSS
PVDD
100nF
4.7
µF
4.7
µF
PVDD
PVSS
VSS
10K
1K
4.7nF
PVSS
470pF
19
20
21
8
7
6
5
12
11
10
9
4
3
XTO
XTI
SCR_INT
BIT_EN
SCKR
SDI
OCLK
LRCKT
SCKT
SDO
SCL
SDA
D98AU966
Figure 3. Test Circuit
IOL
IOH
CL
VREF
VDD
OUTPUT
D98AU967
Figure 4. Test Load Circuit
Output
IOL
IOH
CL
VREF
SDA
1mA
100pF
3.6V
Other Outputs
100
µA
100
µA
100pF
1.5V
Test Load
2. FUNCTIONAL DESCRIPTION
2.1 - Clock Signal
The STA013 input clock is derivated from an ex-
ternal source or from a industry standard crystal
oscillator, generating input frequencies of 10,
14.31818 or 14.7456 MHz.
Other frequencies may be supported upon re-
quest to STMicroelectronics. Each frequency is
supported by downloading a specific configura-
tion file, provided by STM
XTI is an input Pad with specific levels.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VIL
Low Level Input Voltage
VDD-1.8
V
VIH
High Level Input Voltage
VDD-0.8
V
CMOS compatibility
The XTI pad low and high levels are CMOS compatible; XTI pad noise margin is better than typical
CMOS pads.
TTL compatibility
The XTI pad low level is compatible with TTL while the high level is not compatible (for example if VDD =
3V TTL min high level = 2.0V while XTI min high level = 2.2V)
STA013 - STA013B - STA013T
6/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com