Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 15Page - STMicroelectronics STA013 Datasheet HTML 16Page - STMicroelectronics STA013 Datasheet HTML 17Page - STMicroelectronics STA013 Datasheet HTML 18Page - STMicroelectronics STA013 Datasheet HTML 19Page - STMicroelectronics STA013 Datasheet HTML 20Page - STMicroelectronics STA013 Datasheet HTML 21Page - STMicroelectronics STA013 Datasheet HTML 22Page - STMicroelectronics STA013 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DRA
Address: 0x48
Type: R/W
Software Reset: 0X00
Hardware Reset: 0X00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DRA7
DRA6
DRA5
DRA4
DRA3
DRA2
DRA1
DRA0
OUTPUT ATTENUATION
00
000000
NO ATTENUATION
00
000001
-1dB
00
000010
-2dB
:::
:::::
:
01
100000
-96dB
DRA register is used to attenuate the level of
audio output at the Right Channel using the but-
terfly shown in Fig. 11. When the register is set to
255
(0xFF),
the
maximum
attenuation
is
achieved.
A decimal unit correspond to an attenuation step
of 1 dB.
DRB
Address: 0x49
Type: R/W
Software Reset: 0xFF
Hardware Reset: 0xFF
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
Description
DRB7
DRB6
DRB5
DRB4
DRB3
DRB2
DRB1
DRB0
OUTPUT ATTENUATION
00
000000
NO ATTENUATION
00
000001
-1dB
00
000010
-2dB
:::
:::::
:
01
100000
-96dB
DRB register is used to re-direct the Right Chan-
nel on the Left, or to mix both the Channels.
Default value is 0x00, corresponding at the maxi-
mum attenuation in the re-direction channel.
MFSDF_441
Address: 0x50
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
X
X
X
M4
M3
M2
M1
M0
This register contains the value for the PLL X
driver for the 44.1KHz reference frequency.
The VCO output frequency, when decoding
44.1KHz bitstream, is divided by (MFSDF_441 +1)
PLLFRAC_441_L
Address: 0x51
Type: R/W
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
PF7
PF6
PF5
PF4
PF3
PF2
PF1
PF0
STA013 - STA013B - STA013T
19/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com