Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA013 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 10Page - STMicroelectronics STA013 Datasheet HTML 11Page - STMicroelectronics STA013 Datasheet HTML 12Page - STMicroelectronics STA013 Datasheet HTML 13Page - STMicroelectronics STA013 Datasheet HTML 14Page - STMicroelectronics STA013 Datasheet HTML 15Page - STMicroelectronics STA013 Datasheet HTML 16Page - STMicroelectronics STA013 Datasheet HTML 17Page - STMicroelectronics STA013 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Hardware Reset: 0x01
The REQ_POL registers is used to program the
polarity of the DATA_REQ line.
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
000000
01
Default polarity (the source sends data when the
DATA_REQ line is high)
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
000001
01
Inverted polarity (the source sends data when the
DATA_REQ line is low)
SCKL_POL
Address: 0x0D
Type: R/W
Software Reset: 0x04
Hardware Reset: 0x04
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XX
XXX
0
0
0
(1)
10
0
(2)
X = don’t care
SCKL_POL is used to select the working polarity
of the Input Serial Clock (SCKR).
(1) If SCKL_POL is set to 0x00, the data (SDI)
are sent with the falling edge of SCKR
and sampled on the rising edge.
(2) If SCKL_POL is set to 0x04, the data (SDI)
are sent with the rising edge of SCKR and
sampled on the falling edge.
ERROR_CODE
Address: 0x0F
Type: RO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XX
XX
0
0
0
0
(1)
00
01
(2)
00
10
(3)
X = don’t care
ERROR_CODE register contains the last error
occourred if any. The codes can be as follows:
Code
Description
(1)
0x00
No error since the last SW or HW Reset
(2)
0x01
CRC Failure
(3)
0x02
DATA not available
SOFT_RESET
Address: 0x10
Type: WO
Software Reset: 0x00
Hardware Reset: 0x00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXX
XXXX
0
1
X = don’t care; 0 = normal operation; 1 = reset
When this register is written, a soft reset occours.
The STA013 core command register and the in-
terrupt register are cleared. The decoder goes in
to idle mode.
PLAY
Address: 0x13
Type: R/W
Software Reset: 0x01
Hardware Reset: 0x01
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XXX
XXXX
0
1
X = don’t care; 0 = normal operation; 1 = play
The PLAY command is handled according to the
state of the decoder, as described in section 2.5.
PLAY only becomes active when the decoder is
in DECODE mode.
STA013 - STA013B - STA013T
14/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com