Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N3070 Datasheet (PDF) - Silicon Supplies

1N3070 Datasheet PDF - Silicon Supplies
Part # 1N3070
Download  1N3070 Download
File Size   1049.76 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 200V 0.5A Fast Switching Diode

1N3070 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3070 Datasheet PDF - Silicon Supplies

Part # 1N3070
Download  1N3070 Click to download

File Size   1049.76 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 200V 0.5A Fast Switching Diode

1N3070 Datasheet (HTML) - Silicon Supplies


1N3070 Product details

Small-Signal high speed switching diode in bare die form

Features:
◾ Fast Switching Speed
◾ High conductance
◾ General purpose switching applications
◾ High reliability tested grades.




Similar Part No. - 1N3070

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N3070 FAIRCHILD-1N3070 Datasheet
26Kb / 2P
Small Signal Diode
logo
List of Unclassifed Man...
1N3070 ETC1-1N3070 Datasheet
266Kb / 6P
silicon diode
logo
Fairchild Semiconductor
1N3070 FAIRCHILD-1N3070 Datasheet
336Kb / 10P
General Purpose Diodes
logo
New Jersey Semi-Conduct...
1N3070 NJSEMI-1N3070 Datasheet
133Kb / 1P
D0-35
logo
Central Semiconductor C...
1N3070 CENTRAL-1N3070 Datasheet
58Kb / 1P
HIGH VOLTAGE SILICON SWITCHING DIODE
More results


Similar Description - 1N3070

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERC35 FUJI-ERC35 Datasheet
52Kb / 2P
FAST RECOVERY DIODE( 200V / 2.5A )
logo
SeCoS Halbleitertechnol...
MMBTA43 SECOS-MMBTA43 Datasheet
59Kb / 1P
0.5A , 200V NPN Plastic Encapsulated Transistor
SCS4448DSTL SECOS-SCS4448DSTL Datasheet
319Kb / 2P
0.5A , 80V Plastic-Encapsulated Switching Diode
logo
SUNMATE electronic Co.,...
1S1588 SUNMATE-1S1588 Datasheet
48Kb / 1P
0.5A Axial Leaded High Speed Switching Diode
logo
uPI Group Inc.
QM18N20D UPI-QM18N20D Datasheet
277Kb / 4P
N-Ch 200V Fast Switching MOSFETs
logo
Jiangsu Donghai Semicon...
D92-02A WXDH-D92-02A Datasheet
513Kb / 5P
10A 200V Fast recovery diode
logo
FETek Technology Corp.
FKD18N20 FETEK-FKD18N20 Datasheet
707Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
FKL03N20 FETEK-FKL03N20 Datasheet
642Kb / 5P
N-ch 200V Fast Switching MOSFETs
Ver : A
FKH18N20 FETEK-FKH18N20 Datasheet
457Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
FKP18N20 FETEK-FKP18N20 Datasheet
700Kb / 4P
N-Ch 200V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com