Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM2045 Datasheet (PDF) - NXP Semiconductors

OM2045 Datasheet PDF - NXP Semiconductors
Part # OM2045
Download  OM2045 Download
File Size   314.42 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wideband amplifier module

OM2045 Datasheet (PDF)

Go To PDF Page Download Datasheet
OM2045 Datasheet PDF - NXP Semiconductors

Part # OM2045
Download  OM2045 Click to download

File Size   314.42 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Wideband amplifier module

OM2045 Datasheet (HTML) - NXP Semiconductors


OM2045 Product details




Similar Part No. - OM2045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM200F120CMD ETC1-OM200F120CMD Datasheet
90Kb / 4P
ELECTRICAL CHARACTERISTICS: OM200F120CMD (Tc= 25 C unless otherwise specified)
logo
NXP Semiconductors
OM2070 PHILIPS-OM2070 Datasheet
56Kb / 8P
Wideband amplifier module
1995 Nov 14
OM2070B PHILIPS-OM2070B Datasheet
43Kb / 7P
Wideband amplifier module
1995 Nov 29
More results


Similar Description - OM2045

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C020 HITTITE-HMC-C020 Datasheet
266Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz
logo
NXP Semiconductors
OM2070 PHILIPS-OM2070 Datasheet
56Kb / 8P
Wideband amplifier module
1995 Nov 14
OM2070B PHILIPS-OM2070B Datasheet
43Kb / 7P
Wideband amplifier module
1995 Nov 29
logo
Hittite Microwave Corpo...
HMC-C038 HITTITE-HMC-C038 Datasheet
301Kb / 6P
WIDEBAND DRIVER AMPLIFIER MODULE, 2 - 35 GHz
HMC-C036 HITTITE-HMC-C036 Datasheet
344Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.5 - 15 GHz
HMC-C057 HITTITE-HMC-C057 Datasheet
250Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
HMC-C057 HITTITE-HMC-C057_10 Datasheet
281Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHz
logo
Analog Devices
HMC6980 AD-HMC6980 Datasheet
345Kb / 6P
WIDEBAND POWER AMPLIFIER MODULE, 0.01 - 20 GHZ
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com