Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5510 Datasheet (PDF) - NXP Semiconductors

MPC5510 Datasheet PDF - NXP Semiconductors
Part # MPC5510
Download  MPC5510 Download
File Size   528.63 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5510 Microcontroller Family Data Sheet

MPC5510 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5510 Datasheet PDF - NXP Semiconductors

Part # MPC5510
Download  MPC5510 Click to download

File Size   528.63 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MPC5510 Microcontroller Family Data Sheet

MPC5510 Datasheet (HTML) - NXP Semiconductors


MPC5510 Product details

MPC5510 Family Features
• Single issue, 32-bit CPU core complex (e200z1)
   – Compliant with the Power Architecture™ embedded category
   – Includes an instruction set enhancement allowing variable length encoding (VLE) for code size footprint reduction. With the optional encoding of mixed 16-bit and 32-bit instructions, it is possible to achieve significant code size footprint reduction.
• Up to 1.5-Mbyte on-chip flash with flash control unit (FCU)
• Up to 80 Kbytes on-chip SRAM
• Memory protection unit (MPU) with up to sixteen region descriptors and 32-byte region granularity
• Interrupt controller (INTC) capable of handling selectable-priority interrupt sources
• Frequency modulated Phase-locked loop (FMPLL)
• Crossbar switch architecture for concurrent access to peripherals, flash, or RAM from multiple bus masters
• 16-channel enhanced direct memory access controller (eDMA)
• Boot assist module (BAM) supports internal flash programming via a serial link (CAN or SCI)
• Timer supports input/output channels providing a range of 16-bit input capture, output compare, and pulse width modulation functions (eMIOS200)
• Up to 40-channel 12-bit analog-to-digital converter (ADC)
• Up to four serial peripheral interface (DSPI) modules
• Media Local Bus (MLB) emulation logic (works with two DSPIs, the e200z0, the eDMA, and system RAM to create a 3-pin or 5-pin 256Fs MLB protocol)
• Up to eight serial communication interface (eSCI) modules
• Up to six enhanced full CAN (FlexCAN) modules with configurable buffers
• One inter IC communication interface (I2C) module
• Up to 144 configurable general purpose pins supporting input and output operations and 3.0V through 5.5V supply levels
• Real-time counter (RTC_API) with clock source from external 32-kHz crystal oscillator, internal 32-kHz or 16-MHz oscillator and supporting wake-up with selectable 1-second resolution and > 1-hour timeout, or 1-millisecond resolution with maximum timeout of one second
• Up to eight periodic interrupt timers (PIT) with 32-bit counter resolution
• Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class Two Plus standard
• Device/board test support per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1)
• On-chip voltage regulator (VREG) for regulation of 5V input to 1.5V and 3.3V internal supply levels
• Optional e200z0, second Power Architecture based I/O processor with VLE instruction set
• Optional FlexRAY controller
• Optional external bus interface (EBI) module




Similar Part No. - MPC5510

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5510 FREESCALE-MPC5510 Datasheet
435Kb / 54P
MPC5510 Microcontroller Family Data Sheet
MPC5510 FREESCALE-MPC5510 Datasheet
365Kb / 54P
MPC5510 Microcontroller
More results


Similar Description - MPC5510

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
MachXO Family Data Sheet
logo
Freescale Semiconductor...
MPC5510 FREESCALE-MPC5510 Datasheet
435Kb / 54P
MPC5510 Microcontroller Family Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
SPC5607BF1MLU6 FREESCALE-SPC5607BF1MLU6 Datasheet
779Kb / 110P
Microcontroller Data Sheet
SPC5516EAMLQ48 FREESCALE-SPC5516EAMLQ48 Datasheet
365Kb / 54P
MPC5510 Microcontroller
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
NXP Semiconductors
MPC5561 NXP-MPC5561 Datasheet
1Mb / 58P
Microcontroller Data Sheet
Rev. 3, June 2012
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
MachXO2 Family Data Sheet
2010-2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com