Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8113 Datasheet (PDF) - Toshiba Semiconductor

TPC8113 Datasheet PDF - Toshiba Semiconductor
Part # TPC8113
Download  TPC8113 Download
File Size   232.31 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)

TPC8113 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8113 Datasheet PDF - Toshiba Semiconductor

Part # TPC8113
Download  TPC8113 Click to download

File Size   232.31 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)

TPC8113 Datasheet (HTML) - Toshiba Semiconductor


TPC8113 Product details

Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications

• Small footprint due to small and thin package
• Low drain-source ON resistance: RDS (ON) = 8 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 23 S (typ.)
• Low leakage current: IDSS = −10 µA (max) (VDS = −30 V)
• Enhancement-mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - TPC8113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8113 TOSHIBA-TPC8113 Datasheet
272Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8113 TOSHIBA-TPC8113_06 Datasheet
272Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Similar Description - TPC8113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303_07 Datasheet
230Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com