Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8402 Datasheet (PDF) - Toshiba Semiconductor

TPCF8402 Datasheet PDF - Toshiba Semiconductor
Part # TPCF8402
Download  TPCF8402 Download
File Size   274.64 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)

TPCF8402 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCF8402 Datasheet PDF - Toshiba Semiconductor

Part # TPCF8402
Download  TPCF8402 Click to download

File Size   274.64 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)

TPCF8402 Datasheet (HTML) - Toshiba Semiconductor


TPCF8402 Product details

Portable Equipment Applications
Motor Drive Applications
DC-DC Converter Applications

• Low drain-source ON resistance : P Channel RDS (ON) = 60 mΩ (typ.)
                                                         N Channel RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance : P Channel |Yfs| = 5.9 S (typ.)
                                                          N Channel |Yfs| = 6.8 S (typ.)
• Low leakage current : P Channel IDSS = −10 μA (VDS = −30 V)
                                      N Channel IDSS = 10 μA (VDS = 30 V)
• Enhancement-mode
   : P Channel Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1mA)
     N Channel Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1mA)




Similar Part No. - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8402 TOSHIBA-TPCF8402 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
TPCF8402 TOSHIBA-TPCF8402 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402_0912 TOSHIBA-TPCF8402_0912 Datasheet
319Kb / 11P
Portable Equipment Applications Motor Drive Applications DC-DC Converter Applications
More results


Similar Description - TPCF8402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
06-Jul-2004
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
06-Jul-2004
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
16-Jul-2003
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
16-Nov-2006
TPCF8303 TOSHIBA-TPCF8303_07 Datasheet
230Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
16-Nov-2006
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
17-Nov-2006
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com