Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240A Datasheet (PDF) - Microchip Technology

TC1240A Datasheet PDF - Microchip Technology
Part # TC1240A
Download  TC1240A Download
File Size   290.52 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package

TC1240A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1240A Datasheet PDF - Microchip Technology

Part # TC1240A
Download  TC1240A Click to download

File Size   290.52 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package

TC1240A Datasheet (HTML) - Microchip Technology


TC1240A Product details

General Description
The TC1240/TC1240A is a doubling CMOS charge pump voltage converter in a small 6-Pin SOT-23A package. The TC1240 doubles an input voltage that can range from +2.5V to +4.0V, while the TC1240A doubles an input voltage that can range from +2.5V to +5.5V. Conversion efficiency is typically >99%. Internal oscillator frequency is 160 kHz for both devices. The TC1240 and TC1240A have an active-high shutdown that limits the current consumption of the devices to less than 1 µA.

Features
• Charge Pumps in 6-Pin SOT-23A Package
• >99% Typical Voltage Conversion Efficiency
• Voltage Doubling
• Input Voltage Range,
   TC1240: +2.5V to +4.0V,
   TC1240A: +2.5V to +5.5V
• Low Output Resistance,
   TC1240: 17Ω (Typical)
   TC1240A: 12Ω (Typical)
• Only Two External Capacitors Required
• Low Supply Current,
   TC1240: 180 µA (Typical)
   TC1240A: 550 µA (Typical)
• Power-Saving Shutdown Mode (1 µA Maximum)
• Shutdown Input Fully Compatible with 1.8V Logic
   Systems

Applications
• Cellular Phones
• Pagers
• PDAs, Portable Data Loggers
• Battery Powered Devices
• Handheld Instruments




Similar Part No. - TC1240A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240AECH MICROCHIP-TC1240AECH Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
More results


Similar Description - TC1240A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5 Datasheet
210Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
logo
Microchip Technology
TC1240 MICROCHIP-TC1240 Datasheet
858Kb / 11P
Positive Doubling Charge Pump with Shutdown in SOT Package
2001
logo
Maxim Integrated Produc...
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
SC70 Inverting Charge Pumps with Shutdown
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
Microchip Technology
TC1240 MICROCHIP-TC1240_13 Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
logo
Linear Integrated Syste...
LTC1517ES5-5 LINEAR-LTC1517ES5-5 Datasheet
144Kb / 8P
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
logo
Linear Technology
LTC1517-5 LINER-LTC1517-5_15 Datasheet
161Kb / 8P
Micropower, Regulated 5V Charge Pump in a 5-Pin SOT-23 Package
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com