Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240 Datasheet (PDF) - Microchip Technology

TC1240 Datasheet PDF - Microchip Technology
Part # TC1240
Download  TC1240 Download
File Size   858.8 Kbytes
Page   11 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Positive Doubling Charge Pump with Shutdown in SOT Package

TC1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1240 Datasheet PDF - Microchip Technology

Part # TC1240
Download  TC1240 Click to download

File Size   858.8 Kbytes
Page   11 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Positive Doubling Charge Pump with Shutdown in SOT Package

TC1240 Datasheet (HTML) - Microchip Technology


TC1240 Product details

GENERAL DESCRIPTION

The TC1240 is a doubling CMOS charge-pump voltage converter in a small 6-Pin SOT-23A package. TC1240 doubles an input voltage which can range from +2.5V to +4.0V. Conversion efficiency is typically >99%. Internal oscillator frequency is 160kHz for the TC1240. The TC1240 has an active high shutdown which limits the current consumption of the device to less than 1µA.



FEATURES

■ Space Saving 6-Pin SOT-23A Package

■ >99% Typical Voltage Conversion Efficiency

■ Voltage Doubling

■ Operates from +2.5V to +4.0V

■ Low Output Resistance (17ΩTypical)

■ Only Two External Capacitors Required

■ Consumes 180µA (Typical) in Active Mode

■ Power-Saving Shutdown Mode (1µA Maximum)

■ Fully Compliant with 1.8V Logic Sytems



APPLICATIONS

■ Cellular Phones

■ Pagers

■ PDAs, Portable Dataloggers

■ Battery-Powered Devices

■ Handheld Instruments




Similar Part No. - TC1240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1240 MICROCHIP-TC1240 Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
TC1240A MICROCHIP-TC1240A Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240AECH MICROCHIP-TC1240AECH Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
More results


Similar Description - TC1240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
Regulated 5V Charge Pump In SOT-23
logo
Microchip Technology
TC1240 MICROCHIP-TC1240_13 Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com