Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1240
Description  Positive Doubling Charge Pump with Shutdown in SOT Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240 Datasheet(HTML) 4 Page - Microchip Technology

  TC1240 Datasheet HTML 1Page - Microchip Technology TC1240 Datasheet HTML 2Page - Microchip Technology TC1240 Datasheet HTML 3Page - Microchip Technology TC1240 Datasheet HTML 4Page - Microchip Technology TC1240 Datasheet HTML 5Page - Microchip Technology TC1240 Datasheet HTML 6Page - Microchip Technology TC1240 Datasheet HTML 7Page - Microchip Technology TC1240 Datasheet HTML 8Page - Microchip Technology TC1240 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC1240
4
TC1240-1 7/7/00 DS21333A
Positive Doubling Charge Pump with
Shutdown in SOT Package
© 2001 Microchip Technology Inc.
Figure 3. Test Circuit
3
1
2
6
5
C3
C1
C2
V
IN
V
OUT
R
L
TC1240
C1–
VIN
OUT
C1+
GND
Voltage Doubler
Device
C1
C2
C3
TC1240
SHDN
4
3
1
2
6
5
C3
C1
C2
V
IN
V
OUT
R
L
TC1240
C –
VIN
OUT
C +
GND
Device
C1
C2
C3
TC1240
SHDN
4
3.3
µF
3.3
µF3.3µF
VOLTAGE DOUBLER
The most common application for charge pump
devices is the doubler (Figure 3). This application uses
two external capacitors - C1 and C2 (plus a power supply
bypass capacitor, if necessary). The output is equal to 2 x
VIN minus any voltage drops due to loading. Refer to Table
1 and Table 2 for capacitor selection.
CASCADING DEVICES
Two or more TC1240s can be cascaded to increase
output voltage (Figure 4). If the output is lightly loaded, it will
be close to ((n + 1) x VIN) but will droop at least by ROUT of
the first device multiplied by the IQ of the second. It can be
seen that the output resistance rises rapidly for multiple
cascaded devices. For the case of the two-stage ‘tripler’output
resistance can be approximated as ROUT = 2 x ROUT1 +
ROUT2, where ROUT1 is the output resistance of the first
stage, and ROUT2 is the output resistance of the second
stage.
Figure 4. Cascading Multiple Devies to Increase Output Voltage
C1A
C1B
C2A
3
4
2
6
2
5
1
1
5
6
C2B
V
IN
V
OUT
V
OUT = (n + 1)VIN
TC1240
"1"
TC1240
"n"
SHDN
SHDN
C+
GND
C–
OUT
VIN
VIN
OUT
C–
GND
C+
3
4
CAPACITOR SELECTION
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1 will
lower the output resistance and larger values of C2 will
reduce output ripple. (See Equation 1(b)).
Table 1 shows various values of C1 and the correspond-
ing output resistance values @ +25
°C. It assumes a 0.1Ω
ESRC1 and 1.2
Ω RSW. Table 2 shows the output voltage
ripple for various values of C2. The VRIPPLE values assume
5 mA output load current and 0.1
Ω ESRC2.
Table 1. Output Resistance vs. C1 (ESR = 0.1
Ω)
TC1240
C1 (
µF)
ROUT(
Ω)
0.47
47
1
28.5
2.2
19.5
3.3
17
4.7
15.5
10
13.6
47
12.5
100
12.2
Table 2. Output Voltage Ripple vs. C2 (ESR = 0.1
Ω) IOUT 5mA
TC1240
C1 (
µF)
VRIPPLE (mV)
0.47
142
167
2.2
30
3.3
20
4.7
14
10
6.7
47
2.5
100
1.6
INPUT SUPPLY BYPASSING
The VIN input should be capacitively bypassed to reduce
AC impedance and minimize noise effects due to the switch-
ing internal to the device. The recommended capacitor
should be a large value (at least equal to C1) connected from
the input to GND.
SHUTDOWN INPUT
TheTC1240 is disabled when SHDN is high, and
enabled when SHDN is low. This input cannot be allowed
to float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com