Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1240
Description  Positive Doubling Charge Pump with Shutdown in SOT Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1240 Datasheet HTML 2Page - Microchip Technology TC1240 Datasheet HTML 3Page - Microchip Technology TC1240 Datasheet HTML 4Page - Microchip Technology TC1240 Datasheet HTML 5Page - Microchip Technology TC1240 Datasheet HTML 6Page - Microchip Technology TC1240 Datasheet HTML 7Page - Microchip Technology TC1240 Datasheet HTML 8Page - Microchip Technology TC1240 Datasheet HTML 9Page - Microchip Technology TC1240 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC1240
© 2001 Microchip Technology Inc.
6
TC1240-1 7/7/00 DS21333A
Positive Doubling Charge Pump with
Shutdown in SOT Package
Figure 6 is a schematic of the TC1240 Demo Card, and
Figure 7 shows the assembly drawing and artwork for the
board. Table 3 lists the voltages that are monitored by the
test points and Table 4 lists the currents that can be
measured using the jumpers or the specific jumper function.
Figure 7. TC1240 Demo Card Assembly Drawing and Artwork
Table 3. TC1240 Demo Card Test Points
TEST POINT
VOLTAGE MEASUREMENT
TP1
DEMO CARD POWER SUPPLY
INPUT[+2.5V to +4.0V]
TP2
GROUND
TP3
GROUND
TP4
TC1240 OUTPUT (2 x VIN)
TP5
TC1240 SHDN INPUT
TP6
TC1240 VIN SUPPLY VOLTAGE
TP7
EXTERNAL SHDN INPUT
Table 4. TC1240 Demo Card Jumpers
JUMPER
CURRENT MEASUREMENT / JUMPER
FUNCTION
J1
TC1240 QUIESCENT CURRENT
J2
TC1240 LOAD CURRENT
J3
TC1240 SHDN INPUT CURRENT
J4
CONNECT EXTERNAL SHDN INPUT TO
VIN (i.e. SHDN ENABLE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com