Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1240
Description  Positive Doubling Charge Pump with Shutdown in SOT Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1240 Datasheet HTML 3Page - Microchip Technology TC1240 Datasheet HTML 4Page - Microchip Technology TC1240 Datasheet HTML 5Page - Microchip Technology TC1240 Datasheet HTML 6Page - Microchip Technology TC1240 Datasheet HTML 7Page - Microchip Technology TC1240 Datasheet HTML 8Page - Microchip Technology TC1240 Datasheet HTML 9Page - Microchip Technology TC1240 Datasheet HTML 10Page - Microchip Technology TC1240 Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
TC1240
Positive Doubling Charge Pump with
Shutdown in SOT Package
TC1240-1 7/7/00 DS21333A
© 2001 Microchip Technology Inc.
TYPICAL CHARACTERISTICS
Supply Current vs. Supply Voltage
(No Load)
0
100
200
300
400
500
600
700
2.00
3.00
4.00
5.00
6.00
Supply Voltage (V)
Supply Current vs. Temperature
(No Load)
0
50
100
150
200
250
300
350
400
450
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Source Resistance vs. Supply Voltage
(with Rload = 1K)
0
5
10
15
20
2.00
3.00
4.00
5.00
6.00
Supply Voltage (V)
Output Source Resistance vs. Temperature
(with Rload = 1K)
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Voltage Drop Vs Load Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
5
10
15
20
25
30
35
40
45
50
Load Current (mA)
Power Efficiency Vs Load Current
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
5
10
15
20
25
30
35
40
45
50
Load Current (mA)
\
VIN = 4.0V
VIN = 2.8V
VIN = 2.8V
VIN = 4.0V
VIN = 2.8V
VIN = 4.0V
VIN = 2.5V
VIN = 4.0V
VIN = 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com