Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1240
Description  Positive Doubling Charge Pump with Shutdown in SOT Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240 Datasheet(HTML) 2 Page - Microchip Technology

  TC1240 Datasheet HTML 1Page - Microchip Technology TC1240 Datasheet HTML 2Page - Microchip Technology TC1240 Datasheet HTML 3Page - Microchip Technology TC1240 Datasheet HTML 4Page - Microchip Technology TC1240 Datasheet HTML 5Page - Microchip Technology TC1240 Datasheet HTML 6Page - Microchip Technology TC1240 Datasheet HTML 7Page - Microchip Technology TC1240 Datasheet HTML 8Page - Microchip Technology TC1240 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC1240
2
TC1240-1 7/7/00 DS21333A
Positive Doubling Charge Pump with
Shutdown in SOT Package
© 2001 Microchip Technology Inc.
ABSOLUTE MAXIMUM RATINGS*
Input Voltage (VIN to GND) .......................... +4.5V, –0.3V
Output Voltage (OUT to GND) .............. +9.0V, VIN – 0.3V
Current at OUT Pin ................................................. 50 mA
Short-Circuit Duration –OUT to GND ................ Indefinite
Operating Temperature Range ...............–40
°C to +85°C
Power Dissipation (TA
≤ 70°C)
6-Pin SOT-23A ..........................................240 mW
Storage Temperature (Unbiased) ......... –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS: TA = –40 to +85
°C, VIN = +2.8V, C1 = C2 = 3.3µF , SHDN = GND,
unless otherwise noted. Typical values are at TA = +25
°C.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
IDD
Supply Current
RLOAD =
∞
—
180
300
µA
ISHDN
Shutdown Supply Current
SHDN = VIN
—
0.1
1.0
µA
VMIN
Minimum Supply Voltage
RLOAD = 1.0K
Ω
2.5
—
—
V
VMAX
Maximum Supply Voltage
RLOAD = 1.0K
Ω
—
—
4.0
V
FOSC
Oscillator Frequency
TA = –40
°C to +85°C
—
160
—
kHz
FSW
Switching Frequency
TA = –40
°C to +85°C
40
80
125
kHz
VIH
Shutdown Input Logic High
VIN = VMIN to VMAX
1.4
—
—
V
VIL
Shutdown Input Logic Low
VIN = VMIN to VMAX
—
—
0.4
V
PEFF
Power Efficiency
RLOAD = 1.0K
Ω
86
93
—
%
VEFF
Voltage Conversion
RLOAD =
∞
97.5
99.96
—
%
Efficiency
ROUT
Output Resistance
RLOAD = 1.0K
Ω
—17
—
Ω
(Note 1)
TA = –40
°C to +85°C—
—
30
NOTE: 1. Capacitor contribution is approximately 26% of the output impedance [ESR = 1 / pump frequency x capacitance)].
2. Switching frequency is one-half internal oscillator frequency.
PIN DESCRIPTION
Pin No.
(6-Pin SOT-23A)
Symbol
Description
1
VIN
Power Supply Input.
2
GND
Ground.
3
C –
Commutation Capacitor Negative Terminal.
4
SHDN
Shutdown Input (Active High).
5
OUT
Doubled Output Voltage.
6
C+
Commutation Capacitor Positive Terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com