Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1240
Description  Positive Doubling Charge Pump with Shutdown in SOT Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240 Datasheet(HTML) 1 Page - Microchip Technology

  TC1240 Datasheet HTML 1Page - Microchip Technology TC1240 Datasheet HTML 2Page - Microchip Technology TC1240 Datasheet HTML 3Page - Microchip Technology TC1240 Datasheet HTML 4Page - Microchip Technology TC1240 Datasheet HTML 5Page - Microchip Technology TC1240 Datasheet HTML 6Page - Microchip Technology TC1240 Datasheet HTML 7Page - Microchip Technology TC1240 Datasheet HTML 8Page - Microchip Technology TC1240 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
TC1240
Positive Doubling Charge Pump with
Shutdown in SOT Package
TC1240-1 7/7/00 DS21333A
© 2001 Microchip Technology Inc.
Positive Doubling Charge Pump with Shutdown
in SOT Package
GENERAL DESCRIPTION
The TC1240 is a doubling CMOS charge-pump voltage
converter in a small 6-Pin SOT-23A package. TC1240
doubles an input voltage which can range from +2.5V to
+4.0V. Conversion efficiency is typically >99%. Internal
oscillator frequency is 160kHz for the TC1240. The TC1240
has an active high shutdown which limits the current con-
sumption of the device to less than 1
µA.
External component requirement is only two capacitors
for standard voltage doubler applications. All other circuitry,
including control, oscillator, power MOSFETs are integrated
on-chip. Typical supply current is 180
µA and the device is
available in a 6-Pin SOT-23A surface mount package.
FEATURES
I
Space Saving 6-Pin SOT-23A Package
I >99% Typical Voltage Conversion Efficiency
I Voltage Doubling
I Operates from +2.5V to +4.0V
I Low Output Resistance (17
Ω Typical)
I Only Two External Capacitors Required
I Consumes 180
µA (Typical) in Active Mode
I Power-Saving Shutdown Mode (1
µA Maximum)
I Fully Compliant with 1.8V Logic Sytems
APPLICATIONS
I Cellular Phones
I Pagers
I PDAs, Portable Data Loggers
I Battery-Powered Devices
I Handheld Instruments
ORDERING INFORMATION
Part
Number
Package
Temp. Range
TC1240ECH
6-Pin SOT-23A
–40
°C to +85°C
TC1240
TYPICAL OPERATING CIRCUIT
PIN CONFIGURATION
Positive Voltage Doubler
TC1240
VIN
2 x INPUT
C+
C–
C1
C2
INPUT
GND
OUT
SHDN
OFF
ON
6-Pin SOT-23A
C+
C–
GND
TC1240ECH
1
2
3
6
VIN
OUT
4
5
SHDN
NOTE: *6-Pin SOT-23A is equivalent to EIAJ SC-74


Similar Part No. - TC1240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1240 MICROCHIP-TC1240 Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
TC1240A MICROCHIP-TC1240A Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
TC1240AECH MICROCHIP-TC1240AECH Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
More results

Similar Description - TC1240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Microchip Technology
TC1240A MICROCHIP-TC1240A Datasheet
290Kb / 16P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2003
logo
TelCom Semiconductor, I...
TC1240 TELCOM-TC1240 Datasheet
531Kb / 9P
Positive Doubling Charge Pump with Shutdown in SOT Package
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3 Datasheet
205Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
Regulated 5V Charge Pump In SOT-23
logo
Microchip Technology
TC1240 MICROCHIP-TC1240_13 Datasheet
253Kb / 18P
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
2001-2012 11/29/12
logo
Linear Technology
LTC1754-3.3 LINER-LTC1754-3.3_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
LTC1754-5 LINER-LTC1754-5_15 Datasheet
216Kb / 12P
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com