Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1697 Datasheet (PDF) - Maxim Integrated Products

MAX1697 Datasheet PDF - Maxim Integrated Products
Part # MAX1697
Download  MAX1697 Download
File Size   222.59 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 60mA, SOT23 Inverting Charge Pump with Shutdown

MAX1697 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1697 Datasheet PDF - Maxim Integrated Products

Part # MAX1697
Download  MAX1697 Click to download

File Size   222.59 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 60mA, SOT23 Inverting Charge Pump with Shutdown

MAX1697 Datasheet (HTML) - Maxim Integrated Products


MAX1697 Product details

General Description
The MAX1697 ultra-small, monolithic, CMOS charge-pump voltage inverter accepts an input voltage ranging from +1.25V to +5.5V. This device features an ultra-low 12Ω output resistance, permitting loads of up to 60mA with maximum efficiency. The MAX1697 is available with operating frequencies of 12kHz, 35kHz, 125kHz, or 250kHz, allowing optimization of supply current or external component size. Its small external components and micropower shutdown mode make this device ideal for both battery-powered and board-level voltage conversion applications.

Features
♦ 60mA Output Current
♦ Low 12Ω Output Resistance
♦ 150µA Supply Current (MAX1697R)
♦ Requires Only Two 1µF Capacitors (MAX1697U)
♦ Start-Up Current Limited
♦ +1.25V to +5.5V Input Voltage Range
♦ Slew-Rate Limited to Reduce EMI

Applications
    Negative Supply from +5V or +3.3V Logic Supplies
    Small LCD Panels
    GaAsFET Bias Supplies
    Handy-Terminals, PDAs
    Battery-Operated Equipment




Similar Part No. - MAX1697

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
MAX16970 MAXIM-MAX16970 Datasheet
397Kb / 3P
3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEA/V+ MAXIM-MAX16970GEEA/V+ Datasheet
397Kb / 3P
3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GEEB/V+ MAXIM-MAX16970GEEB/V+ Datasheet
397Kb / 3P
3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
MAX16970GTEB/V+ MAXIM-MAX16970GTEB/V+ Datasheet
397Kb / 3P
3A Automotive Hi-Speed USB Protectors with Apple iPhone/iPad and USB 2.0 Charge Detection
Rev 4; 9/16
More results


Similar Description - MAX1697

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
logo
Maxim Integrated Produc...
MAX1852 MAXIM-MAX1852 Datasheet
217Kb / 8P
SC70 Inverting Charge Pumps with Shutdown
logo
Microchip Technology
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
Inverting Charge Pump IC
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com