Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3682 Datasheet (PDF) - Microchip Technology

TC3682 Datasheet PDF - Microchip Technology
Part # TC3682
Download  TC3682 Download
File Size   407.86 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Charge Pump Voltage Doublers with Active Low Shutdown

TC3682 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC3682 Datasheet PDF - Microchip Technology

Part # TC3682
Download  TC3682 Click to download

File Size   407.86 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Charge Pump Voltage Doublers with Active Low Shutdown

TC3682 Datasheet (HTML) - Microchip Technology


TC3682 Product details

General Description

The TC3682/TC3683/TC3684 are CMOS charge pump converters that provide an inverted doubled output from a single positive supply. An on-board oscillator provides the clock and only three external capacitors are required for full circuit implementation. Switching frequencies are 12kHz for the TC3682, 35kHz for the TC3683, and 125kHz for the TC3684. When the SHDN pin is held at a logic low, the device goes into a very low power mode of operation consuming less than 1μA (typ) of supply current.



Features

• Small 8-Pin MSOP Package

• Operates from 1.8V to 5.5V

• 120 Ohms (typ) Output Resistance

• 99% Voltage Conversion Efficiency

• Only 3 External Capacitors Required

• Power-Saving Shutdown Mode

• Low Active Supply Current

   - 95μA (typ) for TC3682

   - 225μA (typ) for TC3683

   - 700μA (typ) for TC3684

• Fully Compatible with 1.8V Logic Systems



Applications

• LCD Panel Bias

• Cellular Phones PA Bias

• Pagers

• PDAs, Portable Data Loggers

• Battery-Powered Devices



 




Similar Part No. - TC3682

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC3682EUA MICROCHIP-TC3682EUA Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Similar Description - TC3682

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Microchip Technology
TC1235 MICROCHIP-TC1235 Datasheet
1Mb / 10P
Inverting Dual (-VIN, -2VIN) Charge Pump Voltage Converters with Shutdown
2001
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC2682 MICROCHIP-TC2682 Datasheet
401Kb / 10P
Inverting Charge Pump Voltage Doublers
2002
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
Linear Technology
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
High Voltage, Low Noise Inverting Charge Pump
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com