Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2682 Datasheet (PDF) - Microchip Technology

TC2682 Datasheet PDF - Microchip Technology
Part # TC2682
Download  TC2682 Download
File Size   401.91 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Charge Pump Voltage Doublers

TC2682 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2682 Datasheet PDF - Microchip Technology

Part # TC2682
Download  TC2682 Click to download

File Size   401.91 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Inverting Charge Pump Voltage Doublers

TC2682 Datasheet (HTML) - Microchip Technology


TC2682 Product details

General Description
The TC2682/TC2683/TC2684 are CMOS charge pump converters that provide an inverted doubled output from a single positive supply. An on-board oscillator provides the clock and only three external capacitors are required for full circuit implementation. Switching frequencies are 12kHz for the TC2682, 35kHz for the TC2683, and 125kHz for the TC2684.

Features
• Small 8-Pin MSOP Package
• Operates from 1.8V to 5.5V
• 120 Ohms (typ) Output Resistance
• 99% Voltage Conversion Efficiency
• Only 3 External Capacitors Required
• Power-Saving Shutdown Mode
• Low Active Supply Current
    - 95μA (typ) for TC2682
    - 225μA (typ) for TC2683
    - 700μA (typ) for TC2684

Applications
• LCD Panel Bias
• Cellular Phones PA Bias
• Pagers
• PDAs, Portable Data Loggers
• Battery-Powered Devices




Similar Part No. - TC2682

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2682EUA MICROCHIP-TC2682EUA Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
More results


Similar Description - TC2682

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC3682 MICROCHIP-TC3682 Datasheet
407Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2002
logo
Sipex Corporation
SP682 SIPEX-SP682 Datasheet
67Kb / 8P
Micro Power Inverting Charge Pump
logo
Microchip Technology
TC1682 MICROCHIP-TC1682_05 Datasheet
239Kb / 10P
Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC2682 MICROCHIP-TC2682_05 Datasheet
230Kb / 10P
Inverting Charge Pump Voltage Doublers
2005
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
Inverting Charge Pump IC
logo
Maxim Integrated Produc...
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
Inverting Charge Pump
Rev 0; 7/00
logo
Linear Technology
LTC3261 LINER-LTC3261_15 Datasheet
2Mb / 14P
High Voltage, Low Quiescent Current Inverting Charge Pump
LTC3261EMSE LINER-LTC3261EMSE Datasheet
205Kb / 6P
High Voltage, Low Noise Inverting Charge Pump
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com