Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3682 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC3682
Description  Inverting Charge Pump Voltage Doublers with Active Low Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3682 Datasheet(HTML) 4 Page - Microchip Technology

  TC3682 Datasheet HTML 1Page - Microchip Technology TC3682 Datasheet HTML 2Page - Microchip Technology TC3682 Datasheet HTML 3Page - Microchip Technology TC3682 Datasheet HTML 4Page - Microchip Technology TC3682 Datasheet HTML 5Page - Microchip Technology TC3682 Datasheet HTML 6Page - Microchip Technology TC3682 Datasheet HTML 7Page - Microchip Technology TC3682 Datasheet HTML 8Page - Microchip Technology TC3682 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC3682/TC3683/TC3684
DS21556B-page 4
 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC3682/TC3683/TC3684 inverting charge pumps
perform a -2x multiplication of the voltage applied to
the VIN pin. Conversion is performed using two
synchronous switching matrices and three external
capacitors. When the shutdown input is held at a logic
low, the device goes into a very low power mode of
operation consuming less than 1
µA of supply current.
Figure 3-1 is a block diagram representation of the
TC3682/TC3683/TC3684 architecture. The first switch-
ing stage inverts the voltage present at VIN and the
second stage uses the ‘-VIN’ output generated from the
first stage to produce the ‘-2X’ output function from the
second stage switching matrix.
Each device contains an on-board oscillator that
synchronously controls the operation of the charge
pump switching matrices. The TC3682 synchronously
switches
at
12kHz,
the
TC3683
synchronously
switches at 35kHz, and the TC3684 synchronously
switches at 125kHz. The different oscillator frequencies
for this device family allow the user to trade-off
capacitor size versus supply current. Faster oscillators
can use smaller external capacitors, but will consume
more
supply
current
(see
Section 1.0
Electrical
Characteristics).
When the shutdown input is in a low state, the oscillator
and both switch matrices are powered off placing the
TC3682/TC3683/TC3684 in the shutdown mode.
When the VIN supply input is powered from an external
battery,
the
shutdown
mode
minimizes
power
consumption, which in turn will extend the life of the
battery.
FIGURE 3-1:
TC3682/TC3683/TC3684 ARCHITECTURE
SHDN
ENABLE
ENABLE
ENABLE
-2VIN
-VIN
+
COUT2
VIN
Switch Matrix
(1st Stage)
Switch Matrix
(2nd Stage)
Oscillator
C1
+
C2
+
+
COUT1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com