Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85320I Datasheet (PDF) - Integrated Circuit Systems

ICS85320I Datasheet PDF - Integrated Circuit Systems
Part # ICS85320I
Download  ICS85320I Download
File Size   198.04 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR

ICS85320I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85320I Datasheet PDF - Integrated Circuit Systems

Part # ICS85320I
Download  ICS85320I Click to download

File Size   198.04 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR

ICS85320I Datasheet (HTML) - Integrated Circuit Systems


ICS85320I Product details

GENERAL DESCRIPTION

The ICS85320I is a LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL translator and a member of the HiPerClocks™family of High Performance Clocks Solutions from ICS. The ICS85320I has a single ended clock input. The single ended clock input accepts LVCMOS or LVTTL input levels and translates them to 2.5V / 3.3V LVPECL levels. The small outline 8-pin SOIC package makes this device ideal for applications where space, high performance and low power are important.



FEATURES

• 1 differential 2.5V/3.3V LVPECL output

• LVCMOS/LVTTL CLK input

• CLK accepts the following input levels:

   LVCMOS or LVTTL

• Maximum output frequency: 267MHz

• Part-to-part skew: 275ps (maximum)

• Additive phase jitter, RMS: 0.05ps (typical)

• 3.3V operating supply voltage

   (operating range 3.135V to 3.465V)

• 2.5V operating supply voltage

   (operating range 2.375V to 2.625V)

• -40°C to 85°C ambient operating temperature



 




Similar Part No. - ICS85320I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
More results


Similar Description - ICS85320I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85322 ICST-ICS85322 Datasheet
126Kb / 13P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
REV. A JULY 31, 2001
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
logo
Integrated Circuit Syst...
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. B OCTOBER 7, 2003
logo
Integrated Device Techn...
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
85320 IDT-85320 Datasheet
215Kb / 16P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85322I IDT-ICS85322I Datasheet
302Kb / 16P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
logo
Renesas Technology Corp
85320I RENESAS-85320I Datasheet
376Kb / 17P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
DECEMBER 19, 2014 1
85322 RENESAS-85322 Datasheet
323Kb / 14P
Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
ICS85322I RENESAS-ICS85322I Datasheet
714Kb / 17P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com