Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS85322I Datasheet (PDF) - Renesas Technology Corp

ICS85322I Datasheet PDF - Renesas Technology Corp
Part # ICS85322I
Download  ICS85322I Download
File Size   714.69 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator

ICS85322I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS85322I Datasheet PDF - Renesas Technology Corp

Part # ICS85322I
Download  ICS85322I Click to download

File Size   714.69 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator

ICS85322I Datasheet (HTML) - Renesas Technology Corp


ICS85322I Product details

General Description
The ICS85322I is a Dual LVCMOS / LVTTL-to- Differential 2.5V / 3.3V
LVPECL translator. The ICS85322I has selectable single ended clock
inputs. The single ended clock input accepts LVCMOS or LVTTL
input levels and translate them to 2.5V / 3.3V LVPECL levels. The
small outline 8-pin SOIC or TSSOP package makes this device ideal
for applications where space, high performance and low power are
important.
Features
• Two differential 2.5V/3.3V LVPECL outputs
• Selectable CLK0, CLK1 LVCMOS/LVTTL clock inputs
• CLK0 and CLK1 can accepts the following input levels: LVCMOS or
LVTTL
• Maximum output frequency: 267MHz
• Part-to-part skew: 250ps (maximum)
• 3.3V operating supply voltage (operating range 3.135V to 3.465V)
• 2.5V operating supply voltage (operating range 2.375V to 2.625V)
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS85322I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. B OCTOBER 7, 2003
logo
Integrated Device Techn...
ICS85322I IDT-ICS85322I Datasheet
302Kb / 16P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
More results


Similar Description - ICS85322I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85322 ICST-ICS85322 Datasheet
126Kb / 13P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
REV. A JULY 31, 2001
ICS85320I ICST-ICS85320I Datasheet
198Kb / 14P
LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. A AUGUST 25, 2004
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. B OCTOBER 7, 2003
logo
Integrated Device Techn...
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320I IDT-ICS85320I Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85322I IDT-ICS85322I Datasheet
302Kb / 16P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
logo
Renesas Technology Corp
85320I RENESAS-85320I Datasheet
376Kb / 17P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
DECEMBER 19, 2014 1
85322 RENESAS-85322 Datasheet
323Kb / 14P
Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com