Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT164N Datasheet (PDF) - Integral Corp.

IN74ACT164N Datasheet PDF - Integral Corp.
Part # IN74ACT164N
Download  IN74ACT164N Download
File Size   166.78 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER

IN74ACT164N Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT164N Datasheet PDF - Integral Corp.

Part # IN74ACT164N
Download  IN74ACT164N Click to download

File Size   166.78 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description 8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER

IN74ACT164N Datasheet (HTML) - Integral Corp.


IN74ACT164N Product details

8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER High-Speed Silicon-Gate CMOS

The IN74ACT164 is identical in pinout to the LS/ALS164, HC/HCT164. The IN74ACT164 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The IN74ACT164 is an 8-bit, serial-input to parallel-output shift register. Two serial data inputs, A1 and A2, are provided so that one input may be used as a data enable. Data is entered on each rising edge of the clock. The active-low asynchronous Reset overrides the Clock and Serial Data inputs.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT164N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT164N IKSEMICON-IN74ACT164N Datasheet
248Kb / 6P
8-Bit Serial-Input/Parallel-Output Shift register High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT164N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Integral Corp.
IN74AC164 INTEGRAL-IN74AC164 Datasheet
168Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift register
logo
KODENSHI_AUK CORP.
KK74LS164 KODENSHI-KK74LS164 Datasheet
279Kb / 5P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
MC74HC164A ONSEMI-MC74HC164A_12 Datasheet
151Kb / 11P
8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com