Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD409G Datasheet (PDF) - Inchange Semiconductor Company Limited

AOD409G Datasheet PDF - Inchange Semiconductor Company Limited
Part # AOD409G
Download  AOD409G Download
File Size   293.67 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

AOD409G Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD409G Datasheet PDF - Inchange Semiconductor Company Limited

Part # AOD409G
Download  AOD409G Click to download

File Size   293.67 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

AOD409G Datasheet (HTML) - Inchange Semiconductor Company Limited


AOD409G Product details

• DESCRITION
• Be suitable for synchronous rectification for server and
   general purpose applications

• FEATURES
• Drain Current –ID= -28A@ TC=25℃
• Drain Source Voltage-
   : VDSS= -60V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 40mΩ (Max)
• 100% avalanche tested
• Minimum Lot-to-Lot variations for robust device
   performance and reliable operation




Similar Part No. - AOD409G

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD409 AOSMD-AOD409 Datasheet
185Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
AOD409 AOSMD-AOD409 Datasheet
243Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
AOD409 AOSMD-AOD409 Datasheet
2Mb / 6P
P-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD409 ISC-AOD409 Datasheet
267Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD409 VBSEMI-AOD409 Datasheet
1Mb / 7P
P-Channel 60 V (D-S) MOSFET
More results


Similar Description - AOD409G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com