Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD409G Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # AOD409G
Description  isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

AOD409G Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  AOD409G Datasheet HTML 1Page - Inchange Semiconductor Company Limited AOD409G Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc P-Channel MOSFET Transistor
AOD409G
·
FEATURES
·
Drain Current –ID= -28A@ TC=25℃
·
Drain Source Voltage-
: VDSS= -60V(Min)
·
Static Drain-Source On-Resistance
: RDS(on) = 40mΩ(Max)
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
DESCRITION
·
Be suitable for synchronous rectification for server and
general purpose applications
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-60
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-Continuous
-28
A
IDM
Drain Current-Single Pulsed
-80
A
PD
Total Dissipation @TC=25℃
60
W
Tj
Max. Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature
-55~175
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
2.1
℃
/W


Similar Part No. - AOD409G

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD409 AOSMD-AOD409 Datasheet
185Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
AOD409 AOSMD-AOD409 Datasheet
243Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
AOD409 AOSMD-AOD409 Datasheet
2Mb / 6P
P-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
AOD409 ISC-AOD409 Datasheet
267Kb / 2P
isc P-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOD409 VBSEMI-AOD409 Datasheet
1Mb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - AOD409G

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com