Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3HD Datasheet (PDF) - Fox Electronics

B3HD Datasheet PDF - Fox Electronics
Part # B3HD
Download  B3HD Download
File Size   227.33 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO

B3HD Datasheet (PDF)

Go To PDF Page Download Datasheet
B3HD Datasheet PDF - Fox Electronics

Part # B3HD
Download  B3HD Click to download

File Size   227.33 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO

B3HD Datasheet (HTML) - Fox Electronics




Similar Part No. - B3HD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
B3HU MSYSTEM-B3HU Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-0 MSYSTEM-B3HU-0 Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-0/A MSYSTEM-B3HU-0/A Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-1 MSYSTEM-B3HU-1 Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
B3HU-1/A MSYSTEM-B3HU-1/A Datasheet
141Kb / 5P
Space-saving Two-wire Signal Conditioners B3-UNIT
More results


Similar Description - B3HD

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
STE01 ACT-STE01_13 Datasheet
360Kb / 3P
HCMOS / TTL TCXO/ VCTCXO
09/10/2013
logo
Fox Electronics
O3HK FOX-O3HK Datasheet
263Kb / 5P
HCMOS 32.768kHz 3.2x2.5mm Oscillator
T3AN FOX-T3AN Datasheet
188Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T3CN FOX-T3CN Datasheet
173Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T5HN FOX-T5HN Datasheet
188Kb / 2P
5.0x3.2mm HCMOS TCXO/VCTCXO
T3HN FOX-T3HN Datasheet
187Kb / 2P
3.2x2.5mm HCMOS TCXO/VCTCXO
T3HD FOX-T3HD Datasheet
163Kb / 2P
3.2x2.5mm HCMOS TCXO
T3GN FOX-T3GN Datasheet
185Kb / 2P
3.2x2.5mm C-Sine GPS TCXO/VCTCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0537A TAI-SAW-TX0537A Datasheet
136Kb / 8P
VCTCXO 3.2x2.5mm 40.00MHz
REV. NO.: 1
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com