Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCME32 Datasheet (PDF) - Advanced Crystal Technology

TCME32 Datasheet PDF - Advanced Crystal Technology
Part # TCME32
Download  TCME32 Download
File Size   598.53 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 32.768kHz TCXO, 3.2 x 2.5mm, HCMOS

TCME32 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCME32 Datasheet PDF - Advanced Crystal Technology

Part # TCME32
Download  TCME32 Click to download

File Size   598.53 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 32.768kHz TCXO, 3.2 x 2.5mm, HCMOS

TCME32 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - TCME32

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCME108M002H0010E AVX-TCME108M002H0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M002K0010E AVX-TCME108M002K0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M002R0010E AVX-TCME108M002R0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M002S0010E AVX-TCME108M002S0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
TCME108M004H0010E AVX-TCME108M004H0010E Datasheet
610Kb / 4P
Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
More results


Similar Description - TCME32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 2.5V Oscillator
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
EQ3225 EUROQUARTZ-EQ3225 Datasheet
197Kb / 1P
3.2 x 2.5mm SMD TCXO
logo
Advanced Crystal Techno...
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com