Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9325AWC Datasheet (PDF) - Advanced Crystal Technology

9325AWC Datasheet PDF - Advanced Crystal Technology
Part # 9325AWC
Download  9325AWC Download
File Size   193.55 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS

9325AWC Datasheet (PDF)

Go To PDF Page Download Datasheet
9325AWC Datasheet PDF - Advanced Crystal Technology

Part # 9325AWC
Download  9325AWC Click to download

File Size   193.55 Kbytes
Page   2 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS

9325AWC Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 9325AWC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9325 3M-9325 Datasheet
176Kb / 2P
UHMW Polyethylene Tape
Jul-2016
logo
Leach International Cor...
9325 LEACH-9325 Datasheet
1Mb / 10P
RELAY CENTER OFF LOAD TRANSFER 3PST/NO, 25 AMP
logo
Keystone Electronics Co...
9325 KEYSTONE-9325 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9325 HEYCO-9325 Datasheet
98Kb / 1P
Snap Rivets – continued
9325 HEYCO-9325 Datasheet
152Kb / 2P
Snap Rivets
More results


Similar Description - 9325AWC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2532 MTRONPTI-M2532 Datasheet
216Kb / 1P
2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
M2532 MTRONPTI-M2532 Datasheet
322Kb / 1P
2.5 x 3.2 mm, 3.3 Volt, HCMOS, Clock Oscillator
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-HC32 FOX-FXO-HC32 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 2.5V Oscillator
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
LVDS 3.2 x 2.5mm 2.5V Oscillator
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
LVDS 3.2 x 2.5mm 3.3V Oscillator
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
9300WC ACT-9300WC Datasheet
196Kb / 2P
Clock oscillator 32.768kHz, 5.0 x 3.2mm, HCMOS
1/2/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com